Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFPS-73I Datasheet (PDF) - Semtech Corporation

CFPS-73I Datasheet PDF - Semtech Corporation
Part # CFPS-73I
Download  CFPS-73I Download
File Size   55.7 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Semtech Reference - Stratum 4

CFPS-73I Datasheet (PDF)

Go To PDF Page Download Datasheet
CFPS-73I Datasheet PDF - Semtech Corporation

Part # CFPS-73I
Download  CFPS-73I Click to download

File Size   55.7 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Semtech Reference - Stratum 4

CFPS-73I Datasheet (HTML) - Semtech Corporation


CFPS-73I Product details

Delivery Options
■ Common frequencies are available from stock. Please see stock list or contact sales office

Output Compatibility
■ Tri-state HCMOS/TTL (5.0V) (CFPS-72), Load 15pF max
■ Tri-state HCMOS (3.3V) (CFPS-73), Load 15pF max

Package Outline
■ 7.0 x 5.0mm SMD Ceramic Package. Available over 0 to 70°C (CFPS-72, -73) or –40 to 85°C (CFPS-72I, -73I)

Standard Frequency Stabilities
■ ±20ppm, ±25ppm, ±50ppm, ±100ppm (inclusive of supply voltage & output load variations over the operating temperature range)




Similar Part No. - CFPS-73I

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPS-73 IQD-CFPS-73 Datasheet
1,014Kb / 2P
Crystal Clock Oscillator Specification
CFPS-73-AUTO IQD-CFPS-73-AUTO Datasheet
328Kb / 2P
Crystal Clock Oscillator Specification
More results


Similar Description - CFPS-73I

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
OX4020A-F1-28-20.000-STR3 RALTRON-OX4020A-F1-28-20.000-STR3 Datasheet
32Kb / 1P
Fully meeting Stratum 3 reference clock requirements
OX4180A-LZ-1-12.800-SM RALTRON-OX4180A-LZ-1-12.800-SM Datasheet
49Kb / 1P
REFERENCE OSCILLATOR TO SEMTEC ACS8530 STRATUM 3E SYNCRONIZATION CHIP SET
logo
Advanced XTAL Products
AXIOM10S AXTAL-AXIOM10S Datasheet
53Kb / 2P
OCXO in SMD package for Stratum III and Stratum IIIe
2005-07-15
logo
Vectron International, ...
C2560 VECTRON-C2560_07 Datasheet
736Kb / 4P
Optimized for Semtech SONET / SDH Synchronization Sets
C4550 VECTRON-C4550_11 Datasheet
52Kb / 2P
Stratum 3E
logo
EUROQUARTZ limited
EQAX20 EUROQUARTZ-EQAX20 Datasheet
99Kb / 1P
STRATUM III OSCILLATORS
EQAX30 EUROQUARTZ-EQAX30 Datasheet
71Kb / 1P
STRATUM III OSCILLATORS
EQAXM20S EUROQUARTZ-EQAXM20S Datasheet
63Kb / 1P
STRATUM III OSCILLATORS
logo
Connor-Winfield Corpora...
SM3-8RG5 CONNOR-WINFIELD-SM3-8RG5 Datasheet
616Kb / 32P
8 REFERENCE STRATUM 3 MODULE
SM34 CONNOR-WINFIELD-SM34 Datasheet
518Kb / 31P
8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com