Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5192 Datasheet (PDF) - Renesas Technology Corp

EL5192 Datasheet PDF - Renesas Technology Corp
Part # EL5192
Download  EL5192 Download
File Size   934.23 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600MHz Current Feedback Amplifier with Enable

EL5192 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5192 Datasheet PDF - Renesas Technology Corp

Part # EL5192
Download  EL5192 Click to download

File Size   934.23 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600MHz Current Feedback Amplifier with Enable

EL5192 Datasheet (HTML) - Renesas Technology Corp


EL5192 Product details

600MHz Current Feedback Amplifier with Enable

The EL5192 and EL5192A are current feedback amplifiers with a very high bandwidth of 600MHz. This makes these amplifiers ideal for todays high speed video and monitor applications.
With a supply current of just 6mA and the ability to run from a single supply voltage from 5V to 10V, the amplifiers are also ideal for hand held, portable or battery-powered equipment.
The EL5192A also incorporates an enable and disable function to reduce the supply current to 100µA typical per amplifier. Allowing the CE pin to float or applying a low logic level will enable the amplifier.

Features
• 600MHz -3dB bandwidth
• 6mA supply current
• Single and dual supply operation, from 5V to 10V supply span
• Fast enable/disable (EL5192A only)
• Available in SOT-23 packages
• Dual (EL5292) and triple (EL5392) available
• High speed, 1GHz product available (EL5191)
• Low power, 4mA, 300MHz product available (EL5193, EL5293, and EL5393)
• Pb-Free plus anneal available (RoHS compliant)

Applications
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters




Similar Part No. - EL5192

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
600MHz Current Feedback Amplifier with Enable
August 3, 2005
EL5192 INTERSIL-EL5192 Datasheet
414Kb / 20P
600MHz Current Feedback Amplifier with Enable
May 16, 2007
EL5192A INTERSIL-EL5192A Datasheet
414Kb / 20P
600MHz Current Feedback Amplifier with Enable
May 16, 2007
EL5192ACS INTERSIL-EL5192ACS Datasheet
414Kb / 20P
600MHz Current Feedback Amplifier with Enable
May 16, 2007
EL5192ACS-T13 INTERSIL-EL5192ACS-T13 Datasheet
414Kb / 20P
600MHz Current Feedback Amplifier with Enable
May 16, 2007
More results


Similar Description - EL5192

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
600MHz Current Feedback Amplifier with Enable
August 3, 2005
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
Dual 600MHz Current Feedback Amplifier with Enable
January 22, 2004
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
Triple 600MHz Current Feedback Amplifier with Enable
January 22, 2004
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
Triple 600MHz Current Feedback Amplifier with Enable
March 9, 2006
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
600MHz Current Feedback Amplifiers with Enable
August 10, 2005
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
600MHz Current Feedback Amplifiers with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
Dual 600MHz Current Feedback Amplifier with Enable
June 28, 2007
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
600MHz Current Feedback Amplifier with Enable
May 16, 2007
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
600MHz Current Feedback Amplifiers with Enable
EL5292 RENESAS-EL5292 Datasheet
794Kb / 16P
Dual 600MHz Current Feedback Amplifier with Enable
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com