Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5367 Datasheet (PDF) - Renesas Technology Corp

EL5367 Datasheet PDF - Renesas Technology Corp
Part # EL5367
Download  EL5367 Download
File Size   613.07 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1GHz Triple Current Feedback Amplifier

EL5367 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5367 Datasheet PDF - Renesas Technology Corp

Part # EL5367
Download  EL5367 Click to download

File Size   613.07 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1GHz Triple Current Feedback Amplifier

EL5367 Datasheet (HTML) - Renesas Technology Corp


EL5367 Product details

1GHz Triple Current Feedback Amplifier

The EL5367 triple amplifier is of the current feedback variety and exhibits a very high bandwidth of 1GHz at AV = +1 and 800MHz at AV = +2. This makes this amplifier ideal for today’s high speed video and monitor applications, as well as a number of RF and IF frequency designs.

Features
• Gain-of-1 bandwidth = 1GHz
• Gain-of-2 bandwidth = 800MHz
• 6000V/µs slew rate
• Single and dual supply operation from 5V to 12V
• Low noise = 1.7nV/√Hz
• 8.5mA supply current

Applications
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current-to-voltage converters




Similar Part No. - EL5367

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5367 INTERSIL-EL5367 Datasheet
403Kb / 11P
1GHz Triple Current Feedback Amplifier
November 9, 2004
EL5367IU INTERSIL-EL5367IU Datasheet
403Kb / 11P
1GHz Triple Current Feedback Amplifier
November 9, 2004
EL5367IU-T13 INTERSIL-EL5367IU-T13 Datasheet
403Kb / 11P
1GHz Triple Current Feedback Amplifier
November 9, 2004
EL5367IU-T7 INTERSIL-EL5367IU-T7 Datasheet
403Kb / 11P
1GHz Triple Current Feedback Amplifier
November 9, 2004
More results


Similar Description - EL5367

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2360C ELANTEC-EL2360C Datasheet
417Kb / 16P
Triple 130 MHz Current Feedback Amplifier
EL5191C ELANTEC-EL5191C Datasheet
369Kb / 17P
1GHz Current Feedback Amplifier
EL5392C ELANTEC-EL5392C Datasheet
320Kb / 15P
Triple 600MHz Current Feedback Amplifier
EL5393C ELANTEC-EL5393C Datasheet
315Kb / 15P
Triple 300MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5191 INTERSIL-EL5191 Datasheet
409Kb / 17P
1GHz Current Feedback Amplifier with Enable
August 3, 2005
EL5367 INTERSIL-EL5367 Datasheet
403Kb / 11P
1GHz Triple Current Feedback Amplifier
November 9, 2004
EL2360 INTERSIL-EL2360 Datasheet
279Kb / 14P
Triple 130MHz Current Feedback Amplifier
June 1996
EL5191 INTERSIL-EL5191_07 Datasheet
440Kb / 20P
1GHz Current Feedback Amplifier with Enable
May 16, 2007
logo
Texas Instruments
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com