Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8102IS Datasheet (PDF) - Renesas Technology Corp

EL8102IS Datasheet PDF - Renesas Technology Corp
Part # EL8102IS
Download  EL8102IS Download
File Size   752.22 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 500MHz Rail-to-Rail Amplifiers

EL8102IS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL8102IS Datasheet PDF - Renesas Technology Corp

Part # EL8102IS
Download  EL8102IS Click to download

File Size   752.22 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 500MHz Rail-to-Rail Amplifiers

EL8102IS Datasheet (HTML) - Renesas Technology Corp


EL8102IS Product details

The EL8102, EL8103 represent single rail-to-rail amplifiers with a -3dB bandwidth of 500MHz and slew rate of 600V/µs. Running off a very low 5.6mA supply current, the EL8102, EL8103 also feature inputs that go to 0.15V below the VS-rail.

Features
• 500MHz -3dB bandwidth
• 600V/µs slew rate
• Low supply current = 5.6mA
• Supplies from 3V to 5.0V
• Rail-to-rail output
• Input to 0.15V below VS-
• Fast 25ns disable (EL8102 only)
• Low cost
• Pb-Free available (RoHS compliant)

Applications
• Video amplifiers
• Portable/hand-held products
• Communications devices




Similar Part No. - EL8102IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8102IS INTERSIL-EL8102IS Datasheet
221Kb / 12P
500MHz Rail-to-Rail Amplifiers
February 19, 2004
EL8102IS INTERSIL-EL8102IS Datasheet
377Kb / 12P
500MHz Rail-to-Rail Amplifiers
EL8102IS INTERSIL-EL8102IS Datasheet
363Kb / 14P
500MHz Rail-to-Rail Amplifiers
August 10, 2007
EL8102IS-T13 INTERSIL-EL8102IS-T13 Datasheet
221Kb / 12P
500MHz Rail-to-Rail Amplifiers
February 19, 2004
EL8102IS-T13 INTERSIL-EL8102IS-T13 Datasheet
377Kb / 12P
500MHz Rail-to-Rail Amplifiers
More results


Similar Description - EL8102IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
500MHz Rail-to-Rail Amplifiers
February 19, 2004
EL8403 INTERSIL-EL8403 Datasheet
739Kb / 16P
500MHz Rail-to-Rail Amplifiers
May 13, 2005
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
500MHz Rail-to-Rail Amplifiers
March 29, 2007
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
500MHz Rail-to-Rail Amplifiers
March 30, 2007
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
500MHz Rail-to-Rail Amplifiers
5962-0721301QXC INTERSIL-5962-0721301QXC Datasheet
131Kb / 5P
500MHz Rail-to-Rail Amplifiers
October 17, 2007
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
500MHz Rail-to-Rail Amplifiers
August 10, 2007
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
500MHz Rail-to-Rail Amplifiers
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
500MHz Rail-to-Rail Amplifiers
November 3, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com