Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5002 Datasheet (PDF) - Renesas Technology Corp

HA-5002 Datasheet PDF - Renesas Technology Corp
Part # HA-5002
Download  HA-5002 Download
File Size   1145.32 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 110MHz, High Slew Rate, High Output Current Buffer

HA-5002 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5002 Datasheet PDF - Renesas Technology Corp

Part # HA-5002
Download  HA-5002 Click to download

File Size   1145.32 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 110MHz, High Slew Rate, High Output Current Buffer

HA-5002 Datasheet (HTML) - Renesas Technology Corp


HA-5002 Product details

The HA-5002 is a monolithic, wideband, high slew rate, high output current, buffer amplifier.
Utilizing the advantages of the Intersil D.I. technologies, the HA-5002 current buffer offers 1300V/μs slew rate with 110MHz of bandwidth. The ±200mA output current capability is enhanced by a 3Ω output impedance.

Features
• Voltage gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.995
• High input impedance . . . . . . . . . . . . . . . . . . . . . .3000kΩ
• Low output impedance . . . . . . . . . . . . . . . . . . . . . . . . . 3Ω
• Very high slew rate. . . . . . . . . . . . . . . . . . . . . . . 1300V/μs
• Very wide bandwidth . . . . . . . . . . . . . . . . . . . . . . 110MHz
• High output current . . . . . . . . . . . . . . . . . . . . . . . ±200mA
• Pulsed output current . . . . . . . . . . . . . . . . . . . . . . . 400mA
• Monolithic construction
• Pb-Free available (RoHS Compliant)

Applications
• Line driver
• Data acquisition
• 110MHz buffer
• Radar cable driver
• High power current booster
• High power current source
• Sample and holds
• Video products




Similar Part No. - HA-5002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5002 INTERSIL-HA-5002 Datasheet
820Kb / 13P
110MHz, High Slew Rate, High Output Current Buffer
November 1998
HA-5002 INTERSIL-HA-5002 Datasheet
857Kb / 14P
110MHz, High Slew Rate, High Output Current Buffer
March 8, 2006
HA-5002 INTERSIL-HA-5002 Datasheet
830Kb / 12P
110MHz, High Slew Rate, High Output Current Buffer
October 18, 2013
logo
Renesas Technology Corp
HA-5002-883 RENESAS-HA-5002-883 Datasheet
318Kb / 7P
Monolithic, Wideband, High Slew Rate, High Output Current Buffer
January 5, 2006
logo
Intersil Corporation
HA-5002/883 INTERSIL-HA-5002/883 Datasheet
46Kb / 6P
Monolithic, Wideband, High Slew Rate, High Output Current Buffer
October 26, 2004
More results


Similar Description - HA-5002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2542 INTERSIL-HA-2542 Datasheet
824Kb / 13P
70MHz, High Slew Rate, High Output Current Operational Amplifier
October 1999
HA-5002 INTERSIL-HA-5002 Datasheet
820Kb / 13P
110MHz, High Slew Rate, High Output Current Buffer
November 1998
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
Uncompensated, High Slew Rate High Output Current, Operational Amplifier
July 1997
HA-5002883 INTERSIL-HA-5002883 Datasheet
46Kb / 6P
Monolithic, Wideband, High Slew Rate, High Output Current Buffer
October 26, 2004
HA-2842 INTERSIL-HA-2842_04 Datasheet
508Kb / 10P
80MHz, High Slew Rate, High Output Current, Video Operational Amplifier
October 2004
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
70MHz, High Slew Rate, High Output Current Operational Amplifier
August 2002
HA-5002 INTERSIL-HA-5002_06 Datasheet
857Kb / 14P
110MHz, High Slew Rate, High Output Current Buffer
March 8, 2006
HA-5002883 INTERSIL-HA-5002883_06 Datasheet
215Kb / 7P
Monolithic, Wideband, High Slew Rate, High Output Current Buffer
January 5, 2006
HA2-5002-2 INTERSIL-HA2-5002-2 Datasheet
830Kb / 12P
110MHz, High Slew Rate, High Output Current Buffer
October 18, 2013
logo
Renesas Technology Corp
HA-2542 RENESAS-HA-2542 Datasheet
1Mb / 12P
70MHz, High Slew Rate, High Output Current Operational Amplifier
August 2002
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com