Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5320 Datasheet (PDF) - Renesas Technology Corp

HA-5320 Datasheet PDF - Renesas Technology Corp
Part # HA-5320
Download  HA-5320 Download
File Size   541.81 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1 Microsecond Precision Sample and Hold Amplifier

HA-5320 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5320 Datasheet PDF - Renesas Technology Corp

Part # HA-5320
Download  HA-5320 Click to download

File Size   541.81 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1 Microsecond Precision Sample and Hold Amplifier

HA-5320 Datasheet (HTML) - Renesas Technology Corp


HA-5320 Product details

The HA-5320 was designed for use in precision, high speed data acquisition systems.
The circuit consists of an input transconductance amplifier capable of providing large amounts of charging current, a low leakage analog switch, and an output integrating amplifier.

Features
• Gain, DC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 x 106 V/V
• Acquisition Time. . . . . . . . . . . . . . . . . . . . . .1.0µs (0.01%)
• Droop Rate. . . . . . . . . . . . . . . . . . . . . 0.08µV/µs (+25°C) 17µV/µs (Full Temperature)
• Aperture Time. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25ns
• Hold Step Error (See Glossary) . . . . . . . . . . . . . . . . . 5mV
• Internal Hold Capacitor
• Fully Differential Input
• TTL Compatible
• Pb-Free Available (RoHS Compliant)

Applications
• Precision Data Acquisition Systems
• Digital to Analog Converter Deglitcher
• Auto Zero Circuits
• Peak Detector




Similar Part No. - HA-5320

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5320 INTERSIL-HA-5320 Datasheet
85Kb / 7P
1 Microsecond Precision Sample and Hold Amplifier
April 1999
HA-5320 INTERSIL-HA-5320 Datasheet
232Kb / 8P
1 Microsecond Precision Sample and Hold Amplifier
August 24, 2005
HA-5320 INTERSIL-HA-5320 Datasheet
316Kb / 11P
1 Microsecond Precision Sample and Hold Amplifier
August 11, 2015
HA-5320/883 INTERSIL-HA-5320/883 Datasheet
309Kb / 11P
High Speed Precision Sample and Hold Amplifier
April 2002
HA-5320883 INTERSIL-HA-5320883 Datasheet
309Kb / 11P
High Speed Precision Sample and Hold Amplifier
April 2002
More results


Similar Description - HA-5320

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5320 INTERSIL-HA-5320 Datasheet
85Kb / 7P
1 Microsecond Precision Sample and Hold Amplifier
April 1999
HA-5330 INTERSIL-HA-5330 Datasheet
63Kb / 5P
650ns Precision Sample and Hold Amplifier
September 1998
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
Intersil Corporation
HA-5320 INTERSIL-HA-5320_05 Datasheet
232Kb / 8P
1 Microsecond Precision Sample and Hold Amplifier
August 24, 2005
HA-5330 INTERSIL-HA-5330_04 Datasheet
278Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA1-5320-2 INTERSIL-HA1-5320-2 Datasheet
316Kb / 11P
1 Microsecond Precision Sample and Hold Amplifier
August 11, 2015
HA1-5330-5 INTERSIL-HA1-5330-5 Datasheet
283Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
logo
Renesas Technology Corp
HA-5330 RENESAS-HA-5330 Datasheet
384Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com