Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC55130 Datasheet (PDF) - Renesas Technology Corp

HC55130 Datasheet PDF - Renesas Technology Corp
Part # HC55130
Download  HC55130 Download
File Size   1493.1 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power UniSLIC14 Family

HC55130 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC55130 Datasheet PDF - Renesas Technology Corp

Part # HC55130
Download  HC55130 Click to download

File Size   1493.1 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power UniSLIC14 Family

HC55130 Datasheet (HTML) - Renesas Technology Corp


HC55130 Product details

The UniSLIC14 is a family of Ultra Low Power SLICs. The feature set and common pinouts of the UniSLIC14 family positions it as a universal solution for: Plain Old Telephone Service (POTS), PBX, Central Office, Loop Carrier, Fiber in the Loop, ISDN-TA and NT1+, Pairgain and Wireless Local Loop.

Features
• Ultra Low Active Power (OHT) < 60mW
• Single/Dual Battery Operation
• Automatic Silent Battery Selection
• Power Management/Shutdown
• Battery Tracking Anti Clipping
• Single 5V Supply with 3V Compatible Logic
• Zero Crossing Ring Control
   - Zero Voltage On/Zero Current Off
• Tip/Ring Disconnect
• Pulse Metering Capability
• 4 Wire Loopback
• Programmable Current Feed
• Programmable Resistive Feed
• Programmable Loop Detect Threshold
• Programmable On-Hook and Off-Hook Overheads
• Programmable Overhead for Pulse Metering
• Programmable Polarity Reversal Time
• Selectable Transmit Gain 0dB/-6dB
• 2 Wire Impedance Set by Single Network
• Loop and Ground Key Detectors
• On-Hook Transmission
• Common Pinout
• Pb-Free Plus Anneal Available (RoHS Compliant)
• HC55121
- Polarity Reversal
• HC55130
   - -63dB Longitudinal Balance
• HC55140
   - Polarity Reversal
   - Ground Start
   - Line Voltage Measurement
   - 2 Wire Loopback
   - -63dB Longitudinal Balance
• HC55142
   - Polarity Reversal
   - Ground Start
   - Line Voltage Measurement
   - 2.2VRMS Pulse Metering
   - 2 Wire Loopback
• HC55150
   - Polarity Reversal
   - Line Voltage Measurement
   - 2.2VRMS Pulse Metering
   - 2 Wire Loopback




Similar Part No. - HC55130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55130 INTERSIL-HC55130 Datasheet
382Kb / 35P
Low Power Universal SLIC Family
June 2000
HC55130 INTERSIL-HC55130 Datasheet
692Kb / 36P
Low Power Universal SLIC Family
June 1, 2006
HC55130IB INTERSIL-HC55130IB Datasheet
382Kb / 35P
Low Power Universal SLIC Family
June 2000
HC55130IB INTERSIL-HC55130IB Datasheet
692Kb / 36P
Low Power Universal SLIC Family
June 1, 2006
HC55130IB96 INTERSIL-HC55130IB96 Datasheet
692Kb / 36P
Low Power Universal SLIC Family
June 1, 2006
More results


Similar Description - HC55130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55120 INTERSIL-HC55120 Datasheet
382Kb / 35P
Low Power Universal SLIC Family
June 2000
HC55120 INTERSIL-HC55120_06 Datasheet
692Kb / 36P
Low Power Universal SLIC Family
June 1, 2006
logo
Silicon Laboratories
SI102X SILABS-SI102X Datasheet
4Mb / 538P
Ultra Low Power 128K, LCD MCU Family
logo
Lattice Semiconductor
HX640 LATTICE-HX640 Datasheet
861Kb / 12P
iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
ICE40HX1K-VQ100 LATTICE-ICE40HX1K-VQ100 Datasheet
872Kb / 12P
iCE40??HX-Series Ultra Low-Power FPGA Family
logo
Freescale Semiconductor...
MKL16Z128VFT4 FREESCALE-MKL16Z128VFT4 Datasheet
397Kb / 2P
Kinetis KL1x Family Ultra-low-power entry-level MCUs
logo
Unisonic Technologies
V2464 UTC-V2464 Datasheet
211Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL
logo
Silicon Laboratories
C8051F960-B-GM SILABS-C8051F960-B-GM Datasheet
4Mb / 492P
Ultra Low Power 128K, LCD MCU Family
logo
List of Unclassifed Man...
PGEW ETC2-PGEW Datasheet
679Kb / 6P
Low-Cost High-Power Laser-Diode Family
logo
Silicon Laboratories
C801F96X SILABS-C801F96X_V01 Datasheet
9Mb / 492P
Ultra Low Power 128K, LCD MCU Family
Rev. 1.1
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com