Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX1157 Datasheet (PDF) - List of Unclassifed Manufacturers

CX1157 Datasheet PDF - List of Unclassifed Manufacturers
Part # CX1157
Download  CX1157 Download
File Size   73.96 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Hydrogen-Filled Ceramic Thyratron

CX1157 Datasheet (PDF)

Go To PDF Page Download Datasheet
CX1157 Datasheet PDF - List of Unclassifed Manufacturers

Part # CX1157
Download  CX1157 Click to download

File Size   73.96 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Hydrogen-Filled Ceramic Thyratron

CX1157 Datasheet (HTML) - List of Unclassifed Manufacturers


CX1157 Product details

[E2V Technologies]

The data to be read in conjunction with the Hydrogen Thyratron Preamble.

ABRIDGED DATA
Hydrogen-filled tetrode thyratron with ceramic envelope, featuring low jitter and low anode delay time drift. Suitable for use at high pulse repetition rates and in applications requiring ruggedness and compactness. A hydrogen reservoir operating from the heater supply is incorporated.
    Peak forward anode voltage . . . . . . 20 kV max
    Peak anode current . . . . . . . . 350 A max
    Average anode current . . . . . . . 500 mA max
    Anode heating factor . . . . . . 7.0 x 109 VApps max
    Peak output power . . . . . . . . . 3.5 MW max




Similar Part No. - CX1157

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX1151 ETC1-CX1151 Datasheet
82Kb / 4P
Hydrogen Thyratron
logo
Keysight Technologies
CX1151A KEYSIGHT-CX1151A Datasheet
4Mb / 32P
Device Current Waveform Analyzer
logo
Ledil, Inc.
CX11524 LEDIL-CX11524 Datasheet
1Mb / 4P
Mini reflector with ~70째 wide beam optimized for LUXEON Rebel
logo
Keysight Technologies
CX1152A KEYSIGHT-CX1152A Datasheet
4Mb / 32P
Device Current Waveform Analyzer
More results


Similar Description - CX1157

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX2505 ETC1-FX2505 Datasheet
56Kb / 3P
Hydrogen Thyratron
7665A ETC1-7665A Datasheet
84Kb / 3P
Hydrogen-Filled Ceramic Thyratron
CX1594 ETC1-CX1594 Datasheet
84Kb / 7P
Deuterium Filled, Hollow Anode, Five-Gap Ceramic Thyratron
CX1622 ETC1-CX1622 Datasheet
79Kb / 4P
Deuterium Thyratron
CX1151 ETC1-CX1151 Datasheet
82Kb / 4P
Hydrogen Thyratron
CX1174 ETC1-CX1174 Datasheet
101Kb / 4P
Deuterium-Filled Ceramic Thyratron
CX1599 ETC1-CX1599 Datasheet
96Kb / 5P
Hydrogen-Filled Ceramic Thyratron
NL-716 ETC2-NL-716 Datasheet
420Kb / 2P
THYRATRON TUBE
FX215 ETC2-FX215 Datasheet
150Kb / 2P
THYRATRON
logo
ams AG
HLS-442 AMSCO-HLS-442 Datasheet
431Kb / 22P
Automotive Hydrogen Leak Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com