Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIN202E Datasheet (PDF) - Renesas Technology Corp

HIN202E Datasheet PDF - Renesas Technology Corp
Part # HIN202E
Download  HIN202E Download
File Size   1249.01 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers

HIN202E Datasheet (PDF)

Go To PDF Page Download Datasheet
HIN202E Datasheet PDF - Renesas Technology Corp

Part # HIN202E
Download  HIN202E Click to download

File Size   1249.01 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers

HIN202E Datasheet (HTML) - Renesas Technology Corp


HIN202E Product details

The HIN202E, HIN206E, HIN207E, HIN208E, HIN211E, HIN213E, HIN232E family of RS-232 transmitters/receivers interface circuits meet all ElA high-speed RS-232E and V.28 specifications, and are particularly suited for those applications where ±12V is not available. A redesigned transmitter circuit improves data rate and slew rate, which makes this suitable for ISDN and high speed modems.

Features
• Pb-Free Plus Anneal Available (RoHS Compliant)
• High Speed ISDN Compatible . . . . . . . . . . . . . 230kbits/s
• ESD Protection for RS-232 I/O Pins to ±15kV (IEC61000)
• Meets All RS-232E and V.28 Specifications
• Requires Only 0.1μF or Greater External Capacitors
• Two Receivers Active in Shutdown Mode (HIN213E)
• Requires Only Single +5V Power Supply
• Onboard Voltage Doubler/Inverter
• Low Power Consumption (Typ) . . . . . . . . . . . . . . . . . 5mA
• Low Power Shutdown Function (Typ) . . . . . . . . . . . . .1μA
• Three-State TTL/CMOS Receiver Outputs
• Multiple Drivers
   - ±10V Output Swing for +5V Input
   - 300Ω Power-Off Source Impedance
   - Output Current Limiting
   - TTL/CMOS Compatible
• Multiple Receivers
- ±30V Input Voltage Range
- 3kΩ to 7kΩ Input Impedance
- 0.5V Hysteresis to Improve Noise Rejection

Applications
• Any System Requiring High-Speed RS-232
   Communications Port
   - Computer - Portable, Mainframe, Laptop
   - Peripheral - Printers and Terminals
   - Instrumentation, UPS
   - Modems, ISDN Terminal Adaptors




Similar Part No. - HIN202E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202ECB INTERSIL-HIN202ECB Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202ECB-T INTERSIL-HIN202ECB-T Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202ECBN INTERSIL-HIN202ECBN Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202ECBN-T INTERSIL-HIN202ECBN-T Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results


Similar Description - HIN202E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
High Speed 5V Powered RS-232 Transmitters/Receivers
2000 05
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
5V Powered RS-232 Transmitters/Receivers
2000 05
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
5V Powered RS-232 Transmitters/Receivers
August 31, 2005
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
May 31, 2006
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
May 31, 2006
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
5V Powered RS-232 Transmitters/Receivers
September 26, 2008
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
November 4, 2005
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
5V Powered RS-232 Transmitters/Receivers
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
High Speed 5V Powered RS-232 Transmitters/Receivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com