Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL-LS2032 Datasheet (PDF) - Sanyo Semicon Device

DL-LS2032 Datasheet PDF - Sanyo Semicon Device
Part # DL-LS2032
Download  DL-LS2032 Download
File Size   24.0 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description INFRARED LASER DIODE

DL-LS2032 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL-LS2032 Datasheet PDF - Sanyo Semicon Device

Part # DL-LS2032
Download  DL-LS2032 Click to download

File Size   24.0 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description INFRARED LASER DIODE

DL-LS2032 Datasheet (HTML) - Sanyo Semicon Device


DL-LS2032 Product details

Features

• Lasing wavelength : 808 nm (Typ.)

• Single longitudinal mode

• High output power : 100 mW at 50°C

• Low threshold current : Ith = 40 mA (Typ.)

• Fundamental transverse mode

• Small package : ø5.6 mm



Applications

• Solid state laser pumping




Similar Part No. - DL-LS2032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL-LS2003 ETC-DL-LS2003 Datasheet
239Kb / 1P
INFRARED LASER DIODE
More results


Similar Description - DL-LS2032

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-8032-001 SANYO-DL-8032-001 Datasheet
40Kb / 2P
INFRARED LASER DIODE
logo
Roithner LaserTechnik G...
QL85D6SA ROITHNER-QL85D6SA Datasheet
441Kb / 5P
Infrared Laser Diode
QL85I6SA ROITHNER-QL85I6SA Datasheet
179Kb / 3P
Infrared Laser Diode
RLT1060-20G ROITHNER-RLT1060-20G Datasheet
116Kb / 2P
Infrared Laser Diode
RLT1060-50G ROITHNER-RLT1060-50G Datasheet
116Kb / 2P
Infrared Laser Diode
RLT1550-100G ROITHNER-RLT1550-100G Datasheet
83Kb / 1P
Infrared Laser Diode
S8330MG ROITHNER-S8330MG Datasheet
388Kb / 5P
Infrared Laser Diode
S8450MG ROITHNER-S8450MG Datasheet
322Kb / 5P
Infrared Laser Diode
RLTMDL-845 ROITHNER-RLTMDL-845 Datasheet
180Kb / 1P
infrared diode laser
RLT830-200MGS ROITHNER-RLT830-200MGS Datasheet
422Kb / 2P
Infrared Laser Diode
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com