Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7126 Datasheet (PDF) - Renesas Technology Corp

ICL7126 Datasheet PDF - Renesas Technology Corp
Part # ICL7126
Download  ICL7126 Download
File Size   790.03 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3 1/2 Digit, Low Power, Single Chip A/D Converter

ICL7126 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7126 Datasheet PDF - Renesas Technology Corp

Part # ICL7126
Download  ICL7126 Click to download

File Size   790.03 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3 1/2 Digit, Low Power, Single Chip A/D Converter

ICL7126 Datasheet (HTML) - Renesas Technology Corp


ICL7126 Product details

The ICL7126 is a high performance, very low power 31/2-digit, A/D converter. All the necessary active devices are contained on a single CMOS IC, including seven segment decoders, display drivers, reference, and clock. The ICL7126 is designed to interface with a liquid crystal display (LCD) and includes a backplane drive. The supply current of 100A is ideally suited for 9V battery operation.

Features
• 8,000 Hours Typical 9V Battery Life
• Guaranteed Zero Reading for 0V Input on All Scales
• True Polarity at Zero for Precise Null Detection
• 1pA Typical Input Current
• True Differential Input and Reference
• Direct LCD Display Drive - No External Components Required
• Pin Compatible With the ICL7106
• Low Noise - Less Than 15VP-P
• On-Chip Clock and Reference
• Low Power Dissipation Guaranteed Less Than 1mW
• No Additional Active Circuits Required
• Pb-Free Available (RoHS Compliant)




Similar Part No. - ICL7126

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7126 MAXIM-ICL7126 Datasheet
377Kb / 8P
Low Power, 3쩍 Digit A/D Converter
logo
Intersil Corporation
ICL7126 INTERSIL-ICL7126 Datasheet
468Kb / 15P
3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
ICL7126 INTERSIL-ICL7126 Datasheet
4Mb / 122P
P-CHANNEL JFET
ICL7126 INTERSIL-ICL7126 Datasheet
469Kb / 15P
3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
Maxim Integrated Produc...
ICL7126CC/D MAXIM-ICL7126CC/D Datasheet
377Kb / 8P
Low Power, 3쩍 Digit A/D Converter
More results


Similar Description - ICL7126

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU9201B NJRC-NJU9201B Datasheet
178Kb / 4P
3.1/2 DIGIT SINGLE CHIP A/D CONVERTER
NJU9252 NJRC-NJU9252 Datasheet
237Kb / 6P
2-DIGIT SINGLE CHIP A/D CONVERTER
logo
Analog Microelectronics
AME7106 AME-AME7106 Datasheet
1Mb / 20P
3-1/2 Digit A/D Converter High Accuracy, Low Power
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
3 1/2 Digit A/D Converter Set
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Intersil Corporation
ICL7126 INTERSIL-ICL7126 Datasheet
468Kb / 15P
3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
Motorola, Inc
MC14433 MOTOROLA-MC14433 Datasheet
450Kb / 12P
CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LCD
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
Intersil Corporation
ICL7126CPL INTERSIL-ICL7126CPL Datasheet
469Kb / 15P
3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com