Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7650SCBA-1T Datasheet (PDF) - Renesas Technology Corp

ICL7650SCBA-1T Datasheet PDF - Renesas Technology Corp
Part # ICL7650SCBA-1T
Download  ICL7650SCBA-1T Download
File Size   617.32 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2MHz, Super Chopper-Stabilized Operational Amplifier

ICL7650SCBA-1T Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7650SCBA-1T Datasheet PDF - Renesas Technology Corp

Part # ICL7650SCBA-1T
Download  ICL7650SCBA-1T Click to download

File Size   617.32 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2MHz, Super Chopper-Stabilized Operational Amplifier

ICL7650SCBA-1T Datasheet (HTML) - Renesas Technology Corp


ICL7650SCBA-1T Product details

The ICL7650S Super Chopper-Stabilized Amplifier offers exceptionally low input offset voltage and is extremely stable with respect to time and temperature. It is a direct replacement for the industry-standard ICL7650 offering improved input offset voltage, lower input offset voltage temperature coefficient, reduced input bias current, and wider common mode voltage range. All improvements are highlighted in bold italics in the Electrical Characteristics section. Critical parameters are guaranteed over the entire commercial temperature range.
Intersil’s unique CMOS chopper-stabilized amplifier circuitry is user-transparent, virtually eliminating the traditional chopper amplifier problems of intermodulation effects, chopping spikes, and overrange lockup.

Features
• Guaranteed Max Input Offset Voltage for All Temperature
   Ranges
• Low Long-Term and Temperature Drifts of Input Offset
   Voltage
• Guaranteed Max Input Bias Current . . . . . . . . . . . . .10pA
• Extremely Wide Common Mode
   Voltage Range. . . . . . . . . . . . . . . . . . . . . . . +3.5V to -5V
• Reduced Supply Current . . . . . . . . . . . . . . . . . . . . . . 2mA
• Guaranteed Minimum Output Source/Sink Current
• Extremely High Gain . . . . . . . . . . . . . . . . . . . . . . . .150dB
• Extremely High CMRR and PSRR . . . . . . . . . . . . . .140dB
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . .2.5V/μs
• Wide Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2MHz
• Unity-Gain Compensated
• Clamp Circuit to Avoid Overload Recovery Problems and
   Allow Comparator Use
• Extremely Low Chopping Spikes at Input and Output
• Improved, Direct Replacement for Industry-Standard
   ICL7650 and other Second-Source Parts
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - ICL7650SCBA-1T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7650SCBA-1T INTERSIL-ICL7650SCBA-1T Datasheet
321Kb / 13P
2MHz, Super Chopper-Stabilized Operational Amplifier
April 12, 2007
ICL7650SCBA-1T INTERSIL-ICL7650SCBA-1T Datasheet
328Kb / 13P
2MHz, Super Chopper-Stabilized Operational Amplifier
April 12, 2007
More results


Similar Description - ICL7650SCBA-1T

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Intersil Corporation
ICL7650S INTERSIL-ICL7650S Datasheet
144Kb / 14P
2MHz, Super Chopper-Stabilized Operational Amplifier
April 2000
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 20P
Chopper-Stabilized Operational Amplifier(CSOATM)
logo
Maxim Integrated Produc...
MAX430 MAXIM-MAX430 Datasheet
389Kb / 8P
짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
logo
Microchip Technology
TC7650 MICROCHIP-TC7650 Datasheet
457Kb / 14P
Chopper Stabilized Operational Amplifier
2002
logo
Intersil Corporation
ICL7650S INTERSIL-ICL7650S_07 Datasheet
321Kb / 13P
2MHz, Super Chopper-Stabilized Operational Amplifier
April 12, 2007
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
Chopper Stabilized Operational Amplifier
11/29/12
logo
Intersil Corporation
ICL7650-SCPD INTERSIL-ICL7650-SCPD Datasheet
328Kb / 13P
2MHz, Super Chopper-Stabilized Operational Amplifier
April 12, 2007
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
CHOPPER STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com