Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL1219 Datasheet (PDF) - Renesas Technology Corp

ISL1219 Datasheet PDF - Renesas Technology Corp
Part # ISL1219
Download  ISL1219 Download
File Size   994.75 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power RTC with Battery Backed SRAM and Event Detection

ISL1219 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL1219 Datasheet PDF - Renesas Technology Corp

Part # ISL1219
Download  ISL1219 Click to download

File Size   994.75 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power RTC with Battery Backed SRAM and Event Detection

ISL1219 Datasheet (HTML) - Renesas Technology Corp


ISL1219 Product details

Low Power RTC with Battery Backed SRAM and Event Detection

The ISL1219 device is a low power real time clock with Event Detect and Time Stamp function, timing and crystal compensation, clock/calendar, power fail indicator, periodic or polled alarm, intelligent battery backup switching and 2 Bytes of battery-backed user SRAM.
The oscillator uses an external, low-cost 32.768kHz crystal. The real time clock tracks time with separate registers for hours, minutes, and seconds. The device has calendar registers for date, month, year and day of the week. The calendar is accurate through 2099, with automatic leap year correction.


Features
• Real Time Clock/Calendar
    - Tracks Time in Hours, Minutes, and Seconds
    - Day of the Week, Day, Month, and Year
• Security and Event Functions
    - Tamper detection with Time Stamp in Normal and Battery Backed modes
    - Event Detection During Battery Backed or Normal Modes
    - Selectable Event Input Sampling Rates Allows Low Power Operation
    - Selectable Glitch Filter on Event Input Monitor
• 15 Selectable Frequency Outputs
• Single Alarm
    - Settable to the Second, Minute, Hour, Day of the Week, Day, or Month
    - Single Event or Pulse Interrupt Mode
• Automatic Backup to Battery or Super Cap
• Power Failure Detection
• On-Chip Oscillator Compensation
• 2 Bytes Battery-Backed User SRAM
• I2C Interface
    - 400kHz Data Transfer Rate
• 400nA Battery Supply Current
• Small Package
    - 10 Ld MSOP
• Pb-Free (RoHS Compliant)

Applications
• Utility Meters
• Set Top Box/Modem
• POS Equipment
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Test Meters/Fixtures
• Vending Machine Management
• Security and Anti Tampering Applications
    - Panel/Enclosure Status
    - Warranty Reporting
    - Time Stamping Applications
    - Patrol/Security Check (Fire or Light Equipment)
    - Automotive Applications




Similar Part No. - ISL1219

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
July 15, 2010
ISL1219 INTERSIL-ISL1219 Datasheet
768Kb / 6P
High-Accuracy RTC Modules, Feature-Rich RTCs
ISL1219 INTERSIL-ISL1219 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
1Mb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
Rev 2.00 July 15, 2010
logo
Intersil Corporation
ISL1219IUZ INTERSIL-ISL1219IUZ Datasheet
643Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
July 15, 2010
More results


Similar Description - ISL1219

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
September 27, 2005
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
Low Power RTC with Battery Backed SRAM
June 22, 2006
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
October 17, 2006
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
Low Power RTC with Battery Backed SRAM
August 23, 2006
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
July 15, 2010
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
Low Power RTC with Battery Backed SRAM, Integrated 5ppm
June 4, 2010
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
Low Power RTC with Battery Backed SRAM
September 12, 2008
logo
Renesas Technology Corp
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
Low Power RTC with Battery Backed SRAM and Event Detection
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
Low Power RTC with Battery Backed SRAM
ISL1221 RENESAS-ISL1221 Datasheet
995Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com