Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P5842 Datasheet (PDF) - ELAN Microelectronics Corp

EM78P5842 Datasheet PDF - ELAN Microelectronics Corp
Part # EM78P5842
Download  EM78P5842 Download
File Size   469.29 Kbytes
Page   48 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8 BIT MICROCONTROLLER

EM78P5842 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM78P5842 Datasheet PDF - ELAN Microelectronics Corp

Part # EM78P5842
Download  EM78P5842 Click to download

File Size   469.29 Kbytes
Page   48 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8 BIT MICROCONTROLLER

EM78P5842 Datasheet (HTML) - ELAN Microelectronics Corp


EM78P5842 Product details

I. General Description
The EM78P5840 series are 8-bit RISC type microprocessor with low power, high speedCMOS technology. There are 4Kx13 bits Electrical One Time Programmable Read Only Memory (OTP-ROM) within it. It provides security bits and some One time programmable Option bits to protect the OTP memory code from any external access as well as to meet user’s options.

II. Feature
CPU
· Operating voltage : 2.2V~5.5V at main CLK less then 3.58MHz. 
‧ 4k x 13 on chip Electrical One Time Programmable Read Only Memory (OTP-ROM)
‧ 144 x 8 on chip general propose RAM
‧ Up to 19 bi-directional and 3 input only general purpose I/O
‧ 8 level stack for subroutine nesting
‧ 8-bit real time clock/counter (TCC)
‧ One 8-bit counter interrupt
‧ On-chip watchdog timer (WDT)
‧ 99.9% single instruction cycle commands
  Three action modes in Crystal mode (Main clock can be programmed to 3.58M or 14.3M Hz)
‧ 2 level Normal mode frequency: 3.58M and 14.3MHz.
‧ Input port interrupt function
‧ Dual clocks operation (Internal PLL main clock , External 32.768KHz)
Operating frequency mode
‧ Crystal mode (XIN,XOUT pin connect external crystal and capacitance)
‧ ERIC mode (ERCI pin connect resister to VDD)
‧ IRC mode
PWM
‧ Dual PWM (Pulse Width Modulation) with 10-bit resolution
‧ Programmable period (or baud rate) 
‧ Programmable duty cycle
ADC
· Operating : 2.5V∼5.5V
· 8 channel 10-bit successive approximation A/D converter
· Internal (VDD) reference voltage
POR
· Power-on reset
PACKAGE
EM78P5840M Æ18 pin SOP, EM78P5841M Æ20 pin SOP, EM78P5842M Æ24 pin SOP
EM78P5840P Æ18 pin PDIP, EM78P5841P Æ20 pin PDIP, EM78P5842P Æ24 pin PDIP

III. Application
General products application.




Similar Part No. - EM78P5842

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P5842N EMC-EM78P5842N Datasheet
807Kb / 68P
8-Bit Microcontrollers
EM78P5842NK EMC-EM78P5842NK Datasheet
807Kb / 68P
8-Bit Microcontrollers
EM78P5842NP EMC-EM78P5842NP Datasheet
807Kb / 68P
8-Bit Microcontrollers
More results


Similar Description - EM78P5842

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com