Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSX-641 Datasheet (PDF) - Golledge Electronics Ltd

GSX-641 Datasheet PDF - Golledge Electronics Ltd
Part # GSX-641
Download  GSX-641 Download
File Size   565.08 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 6.2 x 4.7mm SM Crystal

GSX-641 Datasheet (PDF)

Go To PDF Page Download Datasheet
GSX-641 Datasheet PDF - Golledge Electronics Ltd

Part # GSX-641
Download  GSX-641 Click to download

File Size   565.08 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 6.2 x 4.7mm SM Crystal

GSX-641 Datasheet (HTML) - Golledge Electronics Ltd




Similar Part No. - GSX-641

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-641 GOLLEDGE-GSX-641 Datasheet
56Kb / 1P
SM Crystal Metal Lid
GSX-641111D GOLLEDGE-GSX-641111D Datasheet
56Kb / 1P
SM Crystal Metal Lid
GSX-641LM1B GOLLEDGE-GSX-641LM1B Datasheet
56Kb / 1P
SM Crystal Metal Lid
More results


Similar Description - GSX-641

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
MS2 EUROQUARTZ-MS2 Datasheet
261Kb / 1P
10.7mm x 4.7mm x 2.0mm SMD
EQHM44R EUROQUARTZ-EQHM44R Datasheet
259Kb / 2P
11.4 x 9.6 x 4.7mm SMD
GDA64 EUROQUARTZ-GDA64 Datasheet
161Kb / 1P
11.4 x 9.6 x 4.7mm SMD
logo
Abracon Corporation
AB26T ABRACON-AB26T_15 Datasheet
707Kb / 2P
32.768kHz WATCH CRYSTAL, 6.2 x 02.1MM CYLINDER PACKAGE
06.29.10
logo
Golledge Electronics Lt...
GSX-321 GOLLEDGE-GSX-321_18 Datasheet
599Kb / 5P
Miniature 2.5 x 2.0mm SM Crystal
GSX-323 GOLLEDGE-GSX-323 Datasheet
589Kb / 6P
Miniature 2.5 x 2.0mm SM Crystal
GSX-431 GOLLEDGE-GSX-431 Datasheet
568Kb / 6P
4.0 x 2.5mm SM Crystal for Bluetooth
GSX-433 GOLLEDGE-GSX-433 Datasheet
586Kb / 5P
4.0 x 2.5mm SM Crystal for Bluetooth
GSX-533 GOLLEDGE-GSX-533 Datasheet
588Kb / 5P
5.0 x 3.2mm SM Crystal for Bluetooth
logo
Transko Electronics, In...
HC49SMD4 TRANSKO-HC49SMD4 Datasheet
330Kb / 1P
STANDARD HC49/SMD4 CRYSTAL (12.0 x 4.7mm)
Rev. 2: Nov. 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com