Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV200 Datasheet (PDF) - List of Unclassifed Manufacturers

EV200 Datasheet PDF - List of Unclassifed Manufacturers
Part # EV200
Download  EV200 Download
File Size   156.26 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Make & Break Load Switching

EV200 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV200 Datasheet PDF - List of Unclassifed Manufacturers

Part # EV200
Download  EV200 Click to download

File Size   156.26 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Make & Break Load Switching

EV200 Datasheet (HTML) - List of Unclassifed Manufacturers


EV200 Product details

[CII Technologies]

Make & Break Load Switching



Features:

• Low Cost- lowest price sealed relay in the industry with its contact rating

• Highest contact rating for its size- 200/250 A carry, 2,000 A interrupt at 320 Vdc.

• Optional Auxillary Contact - Easy monitoring of power contact position

• Built-In Coil Economizer- Only 1.7 W hold power @ 12 Vdc making it ideal for battery powered systems. Models are available requiring external coil economizer for large volume applications

• US and Canadian UL Recognized - UL File No. E208033

• CE Marked for EC Applications

• AIAG QS9000, Design, Built & Approved

• Hermetically Sealed- Intrinsically safe, operates in explosive & harsh environments like salt, moisture, dust with no oxidation or contamination of coils or contacts providing stable contact resistance over years of use, including long periods of non-operation

• Small & Lightweight- smallest sealed relay in the industry with its current rating

• No Coil Back EMF- Built-in coil economizer limits back EMF to zero volts

• Versatile Coil Connection- Flying leads or optional connectors

• Multiple use Applications - Ideal for battery switching & back-up, DC voltage power control, circuit protection and safety




Similar Part No. - EV200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EV200 MACOM-EV200 Datasheet
255Kb / 2P
KILOVAC EV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900VDC
logo
TE Connectivity Ltd
EV200 TEC-EV200 Datasheet
297Kb / 2P
KILOVAC EV200 Series Contactor With 1 Form X (SPST-NO)Contacts Rated 500 Amps, 12-900 Vdc
logo
Monolithic Power System...
EV2000DJ-00A MPS-EV2000DJ-00A Datasheet
146Kb / 3P
Low Input Voltage 150mA Linear Regulator Evaluation Board
EV2000DJ-00A MPS-EV2000DJ-00A Datasheet
184Kb / 6P
Low Input Voltage 150mA Linear Regulator
EV2000DJ-00A MPS-EV2000DJ-00A Datasheet
232Kb / 7P
Low Input Voltage 150mA Linear Regulator
More results


Similar Description - EV200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K81C ETC1-K81C Datasheet
291Kb / 1P
Make & Break Load Switching
logo
Tyco Electronics
H-14 MACOM-H-14 Datasheet
469Kb / 1P
Make & Break Load Switching
H-18 MACOM-H-18 Datasheet
257Kb / 1P
Make & Break Load Switching
H-19 MACOM-H-19 Datasheet
428Kb / 1P
Make & Break Load Switching
H-23 MACOM-H-23 Datasheet
239Kb / 1P
Make & Break Load Switching
H-26 MACOM-H-26 Datasheet
268Kb / 1P
Make & Break Load Switching
HC-1 MACOM-HC-1 Datasheet
368Kb / 1P
Make & Break Load Switching
HC-2 MACOM-HC-2 Datasheet
345Kb / 1P
Make & Break Load Switching
logo
TE Connectivity Ltd
K44P TEC-K44P Datasheet
121Kb / 1P
K44P Make & Break Load Switching-8 kV Relays
PD10 TEC-PD10 Datasheet
185Kb / 1P
PD10 Make & Break Load Switching
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com