Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12028 Datasheet (PDF) - Renesas Technology Corp

ISL12028 Datasheet PDF - Renesas Technology Corp
Part # ISL12028
Download  ISL12028 Download
File Size   1151.11 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Real Time Clock/Calendar with I2C Bus??and EEPROM

ISL12028 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL12028 Datasheet PDF - Renesas Technology Corp

Part # ISL12028
Download  ISL12028 Click to download

File Size   1151.11 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Real Time Clock/Calendar with I2C Bus??and EEPROM

ISL12028 Datasheet (HTML) - Renesas Technology Corp


ISL12028 Product details

Real Time Clock/Calendar with I2C Bus™ and EEPROM

The ISL12028 device is a low power real time clock with clock/calendar, power-fail indicator, clock output and crystal compensation, two periodic or polled alarms (CMOS output), intelligent battery backup switching, CPU Supervisor, integrated 512x8-bit EEPROM configured in 16 bytes per page.

Features
• Real Time Clock/Calendar
    - Tracks time in Hours, Minutes and Seconds
    - Day of the Week, Day, Month and Year
    - 3 Selectable Frequency Outputs
• Two Non-Volatile Alarms
    - Settable on the Second, Minute, Hour, Day of the Week, Day, or Month
    - Repeat Mode (Periodic Interrupts)
• Automatic Backup to Battery or SuperCap
    - Power Failure Detection
    - 800nA Battery Supply Current
• On-Chip Oscillator Compensation
    - Internal Feedback Resistor and Compensation Capacitors
    - 64 Position Digitally Controlled Trim Capacitor
    - 6 Digital Frequency Adjustment Settings to ±30ppm
• 512x8 Bits of EEPROM:
    - 16-Byte Page Write Mode (32 total pages)
    - 8 Modes of BlockLock™ Protection
    - Single Byte Write Capability
    - Data Retention: 50 years
    - Endurance: >2,000,000 Cycles Per Byte
• CPU Supervisor Functions:
    - Power On Reset, Low Voltage Sense
    - Watchdog Timer (0.25s, 0.75s and 1.75s)
• I2C Interface
    - 400kHz Data Transfer Rate
• 14 Ld SOIC and 14 Ld TSSOP Packages
• Pb-Free (RoHS Compliant)

Applications
• Utility Meters
• HVAC Equipment
• Audio/Video Components
• Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers/PDA
• POS Equipment
• Test Meters/Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial/Medical/Automotive




Similar Part No. - ISL12028

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
Real Time Clock/Calendar with EEPROM
October 18, 2006
ISL12028 INTERSIL-ISL12028 Datasheet
586Kb / 29P
Real Time Clock/Calendar with I2C Bus??and EEPROM
November 30, 2010
ISL12028 INTERSIL-ISL12028 Datasheet
584Kb / 29P
Real Time Clock/Calendar with I2C Bus??and EEPROM
August 9, 2010
ISL12028 INTERSIL-ISL12028 Datasheet
768Kb / 6P
High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12028 INTERSIL-ISL12028 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
More results


Similar Description - ISL12028

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
Real Time Clock/Calendar with I2C Bus??and EEPROM
August 9, 2010
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
Real Time Clock/Calendar with I2C Bus??and EEPROM
August 12, 2010
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
Real-Time Clock/Calendar with I2C Bus and EEPROM
August 13, 2008
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
Real Time Clock/Calendar with I2C Bus??and EEPROM
December 16, 2010
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
Real Time Clock/Calendar with I2C Bus??and EEPROM
November 30, 2010
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
Real Time Clock/Calendar with I2C Bus??and EEPROM
November 30, 2010
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com