Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12059 Datasheet (PDF) - Renesas Technology Corp

ISL12059 Datasheet PDF - Renesas Technology Corp
Part # ISL12059
Download  ISL12059 Download
File Size   513.21 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC

ISL12059 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL12059 Datasheet PDF - Renesas Technology Corp

Part # ISL12059
Download  ISL12059 Click to download

File Size   513.21 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC

ISL12059 Datasheet (HTML) - Renesas Technology Corp


ISL12059 Product details

Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC

The ISL12059 device is a low power real time clock with clock/calendar, and 512Hz/digital output function.
The oscillator uses an external, low-cost 32.768kHz crystal. The real time clock tracks time with separate registers for hours, minutes, and seconds. The device has calendar registers for date, month, year and day of the week. The calendar is accurate through 2099, with automatic leap year correction.

Features
• Real Time Clock/Calendar
    - Tracks Time in Hours, Minutes, and Seconds
    - Day of the Week, Date, Month, and Year
• 512Hz Frequency Output
• I2C Bus
    - 400kHz Data Transfer Rate
• Small Package Option
    - 8 Ld SOIC Package
    - Pb-Free (RoHS Compliant)
• Low Cost 3V Alternative to M41T00S, DS1340 and ISL12008

Applications
• Utility Meters
• HVAC Equipment
• Audio/Video Components
• Set-Top Box/Television
• Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers/PDA
• Point Of Sale Equipment
• Test Meters/Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial/Medical/Automotive




Similar Part No. - ISL12059

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
ISL12059 INTERSIL-ISL12059 Datasheet
768Kb / 6P
High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12059 INTERSIL-ISL12059 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL12059IBZ INTERSIL-ISL12059IBZ Datasheet
196Kb / 11P
Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
ISL12059IBZ-T INTERSIL-ISL12059IBZ-T Datasheet
196Kb / 11P
Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
More results


Similar Description - ISL12059

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12057 INTERSIL-ISL12057 Datasheet
298Kb / 17P
Low Cost and Low Power I2C RTC Real Time Clock/Calendar
June 15, 2009
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
June 15, 2009
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
MCP7940N MICROCHIP-MCP7940N_13 Datasheet
1Mb / 42P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940NT-I-MNY MICROCHIP-MCP7940NT-I-MNY Datasheet
1Mb / 42P
Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP7940M-I MICROCHIP-MCP7940M-I Datasheet
1,006Kb / 38P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
logo
Renesas Technology Corp
ISL12057 RENESAS-ISL12057 Datasheet
764Kb / 18P
Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
ISL12058 RENESAS-ISL12058 Datasheet
837Kb / 20P
Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com