Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G261 Datasheet (PDF) - Global Mixed-mode Technology Inc

G261 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G261
Download  G261 Download
File Size   227.5 Kbytes
Page   5 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Low Voltage Differential (LVD) SCSI 27 Line Regulator Set

G261 Datasheet (PDF)

Go To PDF Page Download Datasheet
G261 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G261
Download  G261 Click to download

File Size   227.5 Kbytes
Page   5 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Low Voltage Differential (LVD) SCSI 27 Line Regulator Set

G261 Datasheet (HTML) - Global Mixed-mode Technology Inc


G261 Product details

Description
The G261 LVD Regulator set is designed to provide the correct reference voltages and bias currents for LVD termination resistor networks (475Ω, 121Ω, and 475Ω). The device also provides a 1.3V output for DIFFSENSE signaling. With the proper resistor network, the G261 solution will meet the common mode impedance, differential mode impedance, differential bias voltage and common mode voltage requirements of SPI-2 (Ultra2), SPI-3 (Ultra 3/Ultra 160) and SPI-4 (Ultra 320).

Features
■ SCSI SPI-2 (Ultra 2), SPI-3 (Ultra 3/Ultra 160) and SPI-4 (Ultra 320) LVD SCSI, 27 Line Low Voltage Differential Regulator
■ 4V to 5.25V Operation
■ Integrated Regulator Set for LVD SCSI
■ Differential Failsafe Bias

Applications
■ SCSI cable
■ SCSI card
■ Disk Array
■ Industrial PC
■ POS




Similar Part No. - G261

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2610 GMT-G2610 Datasheet
140Kb / 1P
High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
G2619 GMT-G2619 Datasheet
109Kb / 1P
High Efficiency, Constant Current 20V White- LEDs Driver
logo
IDEA.lnc.
G261B IDEA-G261B Datasheet
52Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
More results


Similar Description - G261

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5510 TI-UCC5510 Datasheet
40Kb / 4P
Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC561 TI-UCC561 Datasheet
192Kb / 8P
Low Voltage Differential SCSI LVD 27 Line Regulator Set
UCC5630 TI-UCC5630 Datasheet
59Kb / 5P
Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5640 TI-UCC5640 Datasheet
171Kb / 10P
Low Voltage Differential LVD SCSI 9 Line Terminator
UCC5641 TI-UCC5641 Datasheet
66Kb / 4P
Low Voltage Differential LVD SCSI 9 Line Terminator
logo
Dallas Semiconductor
DS2129 DALLAS-DS2129 Datasheet
158Kb / 5P
LVD SCSI 27-Line Regulator
logo
Microsemi Corporation
LX5261 MICROSEMI-LX5261 Datasheet
148Kb / 6P
27-Line LVD SCSI Source/Sink Regulator
logo
Texas Instruments
UCC5640PW TI-UCC5640PW Datasheet
532Kb / 13P
LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
UCC5630 TI1-UCC5630_08 Datasheet
65Kb / 5P
Low Voltage Differential (LVD/SE) SCSI 9 Line Terminator
logo
Maxim Integrated Produc...
DS2129 MAXIM-DS2129 Datasheet
195Kb / 5P
LVD SCSI 27-Line Regulator
Rev 1; 2/06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com