Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G962 Datasheet (PDF) - Global Mixed-mode Technology Inc

G962 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G962
Download  G962 Download
File Size   238.62 Kbytes
Page   6 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2A Low Dropout Regulator with Enable

G962 Datasheet (PDF)

Go To PDF Page Download Datasheet
G962 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G962
Download  G962 Click to download

File Size   238.62 Kbytes
Page   6 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2A Low Dropout Regulator with Enable

G962 Datasheet (HTML) - Global Mixed-mode Technology Inc


G962 Product details

General Description
The G962 is a high performance positive voltage regulator designed for use in applications requiring very low dropout voltage at up to 2 Amps. Since it has superior dropout characteristics compared to regular LDOs, it can be used to supply 2.5V on motherboards or 1.5V, 1.8V on peripheral cards from the 3.3V supply thus allowing the elimination of costly heatsinks. An enable pin further reduces power dissipation while shut down. The G962 provides excellent regulation over variations in line, load and temperature.
The G962 is available with 1.5V, 1.8V, 2.5V, 3.3V and 5V internally preset outputs.

Features
■ Adjustable Output from 1.2V to 4.8V Using External Resistors
■ 1.5V, 1.8V and 2.5V options by Setting ADJ Pin Below 0.2V
■ Fixed 2.5V, 3.3V and 5V Output for TO-252
■ Over current and over temperature protection
■ 500mV dropout @2A
■ Enable pin
■ 10µA quiescent current in shutdown
■ Output recovery mode in OTP
■ Connect ADJ to GND for fixed output mode
■ TO-252 and TO-252-5 Package

Applications
■ Battery powered systems
■ Motherboards
■ Peripheral cards
■ Set Top Boxes
■ Notebook Computers




Similar Part No. - G962

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G962 GMT-G962 Datasheet
533Kb / 11P
2A Low Dropout Regulator with Enable
G962-15ADJTJU GMT-G962-15ADJTJU Datasheet
533Kb / 11P
2A Low Dropout Regulator with Enable
G962-15ADJTJUF GMT-G962-15ADJTJUF Datasheet
533Kb / 11P
2A Low Dropout Regulator with Enable
G962-18ADJTJU GMT-G962-18ADJTJU Datasheet
533Kb / 11P
2A Low Dropout Regulator with Enable
G962-18ADJTJUF GMT-G962-18ADJTJUF Datasheet
533Kb / 11P
2A Low Dropout Regulator with Enable
More results


Similar Description - G962

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G962 GMT-G962_07 Datasheet
533Kb / 11P
2A Low Dropout Regulator with Enable
logo
Eutech Microelectronics...
EUP7966 EUTECH-EUP7966 Datasheet
396Kb / 11P
2A Low-Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
E-Tech Electronics LTD
LR18120 ETL-LR18120 Datasheet
380Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G975 GMT-G975 Datasheet
154Kb / 1P
2A Low Dropout Regulator with Enable
G966 GMT-G966 Datasheet
46Kb / 1P
2A Low Dropout Regulator with Enable
G962 GMT-G962_15 Datasheet
75Kb / 1P
2A Low Dropout Regulator with Enable
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_17 Datasheet
318Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com