Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL32470EIBZ Datasheet (PDF) - Renesas Technology Corp

ISL32470EIBZ Datasheet PDF - Renesas Technology Corp
Part # ISL32470EIBZ
Download  ISL32470EIBZ Download
File Size   1179.02 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD

ISL32470EIBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL32470EIBZ Datasheet PDF - Renesas Technology Corp

Part # ISL32470EIBZ
Download  ISL32470EIBZ Click to download

File Size   1179.02 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD

ISL32470EIBZ Datasheet (HTML) - Renesas Technology Corp


ISL32470EIBZ Product details

The ISL32470E, ISL32472E, ISL32475E, and ISL32478E are fault-protected, extended common-mode range differential transceivers that exceed the RS-485 and RS-422 standards for balanced communication. The RS-485 bus pins (driver outputs and receiver inputs) are fault protected against overvoltages up to ±60V and are protected against ±16.5kV ESD strikes without latch-up. Additionally, these transceivers operate in environments with common-mode voltages up to ±15V (exceeds the RS-485 requirement), making this fault-protected RS-485 family one of the most robust on the market.

Features
• Fault protected RS-485 bus pins . . . . . . . . . . . . . . Up to ±60V
• Extended common-mode range. . . . . . . . . . . . . . . . . . . . ±15V larger than required for RS-485
• 1/4 unit load for up to 128 devices on the bus
• ±16.5kV HBM ESD protection on RS-485 bus pins
• High transient over-voltage tolerance . . . . . . . . . . . . . . . ±80V
• Full fail-safe (open, short, terminated) RS-485 receivers
• High Rx IOL for opto-couplers in isolated designs
• Hot plug circuitry: Tx and Rx outputs remain three-state during power-up/power-down
• RS-485 data rates. . . . . . . . . . . . . . . . . . . . . .250kbps to 15Mbps
• Low quiescent supply current. . . . . . . . . . . . . . . . . . . . 2.3mA
• Ultra low shutdown supply current. . . . . . . . . . . . . . . . . . 10µA

Applications
• Utility meters and automated meter reading systems
• High node count RS-485 systems
• PROFIBUS and RS-485 based field bus networks, factory automation
• Security camera networks
• Building lighting and environmental control systems
• Industrial/process control networks




Similar Part No. - ISL32470EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32470EIBZ INTERSIL-ISL32470EIBZ Datasheet
1Mb / 19P
Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
January 21, 2011
logo
Renesas Technology Corp
ISL32470EIBZ RENESAS-ISL32470EIBZ Datasheet
1Mb / 21P
Fault Protected, Extended Common-Mode Range, RS-485/RS-422 Transceivers with ±16.5kV ESD
Rev 2.00 Feb 14, 2019
ISL32470EIBZ -T RENESAS-ISL32470EIBZ -T Datasheet
1Mb / 21P
Fault Protected, Extended Common-Mode Range, RS-485/RS-422 Transceivers with ±16.5kV ESD
Rev 2.00 Feb 14, 2019
ISL32470EIBZ -T7A RENESAS-ISL32470EIBZ -T7A Datasheet
1Mb / 21P
Fault Protected, Extended Common-Mode Range, RS-485/RS-422 Transceivers with ±16.5kV ESD
Rev 2.00 Feb 14, 2019
More results


Similar Description - ISL32470EIBZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
June 17, 2010
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
June 25, 2010
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
June 17, 2010
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
January 21, 2011
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
January 18, 2011
logo
Texas Instruments
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com