Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL33334E Datasheet (PDF) - Renesas Technology Corp

ISL33334E Datasheet PDF - Renesas Technology Corp
Part # ISL33334E
Download  ISL33334E Download
File Size   1410.58 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers

ISL33334E Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL33334E Datasheet PDF - Renesas Technology Corp

Part # ISL33334E
Download  ISL33334E Click to download

File Size   1410.58 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers

ISL33334E Datasheet (HTML) - Renesas Technology Corp


ISL33334E Product details

3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers

The ISL33334E, ISL33337E are two port interface ICs where port 1 is configured as a dual (2 Tx, 2 Rx) RS-232 transceiver and port 2 is a single RS-485/RS-422 transceiver.
The on-board charge pump generates RS-232 compliant ±5V Tx output levels from a single VCC supply as low as 3.15V. The transceivers are RS-232 compliant, with the Rx inputs handling up to ±25V.

Features
• ±15kV (HBM) ESD protected bus pins (RS-232 or RS-485)
• Operates from a single 3.3V supply
• Two independent ports, port 1 set for RS-232 (2 Transceivers) and port 2 for RS-485/RS-422 (1 transceiver)
• True flow-through pinouts (Rx inputs and Tx outputs all on the same side) simplify board layouts
• Pb-free (RoHS compliant)
• Full fail-safe (open/short) RS-485/422 Port 2 Rx
• User selectable RS-485 data rates
    - Fast speed. . . . . . . . . . . . . . . . . . . . . . . . . . . . up to 20Mbps
    - Slew rate limited . . . . . . . . . . . . . . . . . . . . . . up to 115kbps
• Fast RS-232 data rate . . . . . . . . . . . . . . . . . . . . up to 400kbps
• Small charge pump capacitors . . . . . . . . . . . . . . . . 4 x 0.1µF
• Low current shutdown mode . . . . . . . . . . . . . . . . . . . . . . 40µA
• QFN package saves board space (ISL33337E only)

Applications
• Gaming applications (e.g., slot machines)
• Single board computers
• Factory automation
• Security networks
• Industrial/process control networks
• Level translators (e.g., RS-232 to RS-422)
• Point-of-sale equipment




Similar Part No. - ISL33334E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL33334E INTERSIL-ISL33334E Datasheet
820Kb / 23P
Operates from a single 3.3V supply
October 21, 2016
ISL33334E INTERSIL-ISL33334E Datasheet
775Kb / 23P
Full fail-safe (open/short) RS-485/422 port 2 Rx
ISL33334EIAZ INTERSIL-ISL33334EIAZ Datasheet
820Kb / 23P
Operates from a single 3.3V supply
October 21, 2016
ISL33334EIAZ-T INTERSIL-ISL33334EIAZ-T Datasheet
820Kb / 23P
Operates from a single 3.3V supply
October 21, 2016
More results


Similar Description - ISL33334E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
December 20, 2005
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 INTERSIL-ISL3332 Datasheet
951Kb / 26P
3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com