Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC516LC5 Datasheet (PDF) - Hittite Microwave Corporation

HMC516LC5 Datasheet PDF - Hittite Microwave Corporation
Part # HMC516LC5
Download  HMC516LC5 Download
File Size   245.19 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT PHEMT LOW NOISE AMPLIFIER, 9 - 18 GHz

HMC516LC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC516LC5 Datasheet PDF - Hittite Microwave Corporation

Part # HMC516LC5
Download  HMC516LC5 Click to download

File Size   245.19 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT PHEMT LOW NOISE AMPLIFIER, 9 - 18 GHz

HMC516LC5 Datasheet (HTML) - Hittite Microwave Corporation


HMC516LC5 Product details

General Description

The HMC516LC5 is a high dynamic range GaAs PHEMT MMIC Low Noise Amplifi er (LNA) housed in a leadless “Pb free” RoHS compliant SMT package. The HMC516LC5 provides 20 dB of small signal gain, 2.0 dB of noise fi gure and has an output IP3 of +25 dBm. The P1dB output power of +13 dBm enables the LNA to also function  as a LO driver for balanced, I/Q or image reject mixers. The HMC516LC5 allows the use of surface mount manufacturing techniques.



Features

Noise Figure: 2.0 dB

Gain: 20 dB

OIP3: +25 dBm

Single Supply: +3V @ 65 mA

50 Ohm Matched Input/Output

RoHS Compliant 5 X 5 mm Package



Typical Applications

The HMC516LC5 is ideal for use as a LNA or driver amplifier for:

• Point-to-Point Radios

• Point-to-Multi-Point Radios & VSAT

• Test Equipment and Sensors

• Military




Similar Part No. - HMC516LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC516LC5 HITTITE-HMC516LC5 Datasheet
219Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 9 - 18 GHz
logo
Analog Devices
HMC516LC5 AD-HMC516LC5 Datasheet
375Kb / 6P
Point-to-Point Radios
logo
Hittite Microwave Corpo...
HMC516LC5 HITTITE-HMC516LC5_09 Datasheet
219Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 9 - 18 GHz
More results


Similar Description - HMC516LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC374 HITTITE-HMC374 Datasheet
249Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
HMC517LC4 HITTITE-HMC517LC4 Datasheet
314Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC751LC4 HITTITE-HMC751LC4 Datasheet
229Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC751LC4 HITTITE-HMC751LC4_09 Datasheet
229Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC374 HITTITE-HMC374_09 Datasheet
219Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
HMC516LC5 HITTITE-HMC516LC5_09 Datasheet
219Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 9 - 18 GHz
HMC517LC4 HITTITE-HMC517LC4_09 Datasheet
228Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC751LC4 HITTITE-HMC751LC4_10 Datasheet
895Kb / 6P
SMT pHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
logo
Analog Devices
HMC517LC4 AD-HMC517LC4 Datasheet
1Mb / 6P
SMT PHEMT LOW NOISE AMPLIFIER
HMC751LC4 AD-HMC751LC4 Datasheet
352Kb / 6P
SMT pHEMT LOW NOISE AMPLIFIER,
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com