Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM2P016T Datasheet (PDF) - Rohm

BM2P016T Datasheet PDF - Rohm
Part # BM2P016T
Download  BM2P016T Download
File Size   964.17 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Isolation Fly-back type PWM method Output 30W 24V Output

BM2P016T Datasheet (PDF)

Go To PDF Page Download Datasheet
BM2P016T Datasheet PDF - Rohm

Part # BM2P016T
Download  BM2P016T Click to download

File Size   964.17 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Isolation Fly-back type PWM method Output 30W 24V Output

BM2P016T Datasheet (HTML) - Rohm




Similar Part No. - BM2P016T

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P016T-EVK-001 ROHM-BM2P016T-EVK-001 Datasheet
964Kb / 12P
Isolation Fly-back type PWM method Output 30W 24V Output
BM2P016TVK-002 ROHM-BM2P016TVK-002 Datasheet
645Kb / 12P
Isolation Fly-back Converter PWM method Output 22.5W 15V
More results


Similar Description - BM2P016T

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P016T-EVK-001 ROHM-BM2P016T-EVK-001 Datasheet
964Kb / 12P
Isolation Fly-back type PWM method Output 30W 24V Output
BM2P016TVK-002 ROHM-BM2P016TVK-002 Datasheet
645Kb / 12P
Isolation Fly-back Converter PWM method Output 22.5W 15V
BM2P109TF ROHM-BM2P109TF Datasheet
850Kb / 10P
Non-Isolation Buck Converter PWM method Output 2W 10V
BM2P129TF ROHM-BM2P129TF_18 Datasheet
960Kb / 10P
Non-Isolation Buck Converter PWM method Output 2W 12V
BM2P129TFVK-001 ROHM-BM2P129TFVK-001 Datasheet
960Kb / 10P
Non-Isolation Buck Converter PWM method Output 2W 12V
BM2P139TF ROHM-BM2P139TF_18 Datasheet
859Kb / 10P
Non-Isolation Buck Converter PWM method Output 2.6W 13V
BM2P161W ROHM-BM2P161W_18 Datasheet
381Kb / 10P
Non-Isolation Buck Converter PWM method Output 10W 16.5V
BM2P161WVK-001 ROHM-BM2P161WVK-001 Datasheet
381Kb / 10P
Non-Isolation Buck Converter PWM method Output 10W 16.5V
BM2P249TF ROHM-BM2P249TF Datasheet
926Kb / 10P
Non-Isolation Buck Converter PWM method Output 3W 24V
BM2P249TFVK-001 ROHM-BM2P249TFVK-001 Datasheet
926Kb / 10P
Non-Isolation Buck Converter PWM method Output 3W 24V
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com