Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74HC299 Datasheet (PDF) - Integral Corp.

IN74HC299 Datasheet PDF - Integral Corp.
Part # IN74HC299
Download  IN74HC299 Download
File Size   194.02 Kbytes
Page   8 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 8-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER WITH PARALLEL I/O

IN74HC299 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74HC299 Datasheet PDF - Integral Corp.

Part # IN74HC299
Download  IN74HC299 Click to download

File Size   194.02 Kbytes
Page   8 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 8-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER WITH PARALLEL I/O

IN74HC299 Datasheet (HTML) - Integral Corp.


IN74HC299 Product details

8-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER WITH PARALLEL I/O High-Performance Silicon-Gate CMOS

The IN74HC299 is identical in pinout to the LS/ALS299. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs.
The IN74HC299features a multiplexed parallel input/output data port to achieve full 8-bit handling in a 20 pin package. Due to the large output drive capability and the 3-state feature, this device is ideally suited for interface with bus lines in a busoriented system.

• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices




Similar Part No. - IN74HC299

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC299A IKSEMICON-IN74HC299A Datasheet
338Kb / 9P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Performance Silicon-Gate CMOS
IN74HC299ADW IKSEMICON-IN74HC299ADW Datasheet
338Kb / 9P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Performance Silicon-Gate CMOS
IN74HC299AN IKSEMICON-IN74HC299AN Datasheet
338Kb / 9P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Performance Silicon-Gate CMOS
More results


Similar Description - IN74HC299

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC299 SLS-SL74HC299 Datasheet
84Kb / 8P
8-Bit Bidirectional Universal Shift Register with Parallel I/O
SL74HC323 SLS-SL74HC323 Datasheet
61Kb / 7P
8-Bit Bidirectional Universal Shift Register with Parallel I/O
logo
Integral Corp.
IN74ACT299 INTEGRAL-IN74ACT299 Datasheet
243Kb / 7P
8-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER WITH PARALLEL I/O
IN74ACT323 INTEGRAL-IN74ACT323 Datasheet
238Kb / 7P
8-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER WITH PARALLEL I/O
logo
Motorola, Inc
MC74HC299 MOTOROLA-MC74HC299 Datasheet
123Kb / 8P
8-Bit Bidirectional Universal Shift Register with Parallel I/O
logo
KODENSHI_AUK CORP.
KK74ACT299 KODENSHI-KK74ACT299 Datasheet
412Kb / 8P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC299A IKSEMICON-IN74HC299A Datasheet
338Kb / 9P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Performance Silicon-Gate CMOS
IN74HC323A IKSEMICON-IN74HC323A Datasheet
308Kb / 8P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Performance Silicon-Gate CMOS
IN74AC323 IKSEMICON-IN74AC323 Datasheet
322Kb / 9P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
IN74ACT299 IKSEMICON-IN74ACT299 Datasheet
402Kb / 8P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com