Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8499 Datasheet (PDF) - Intersil Corporation

ISL8499 Datasheet PDF - Intersil Corporation
Part # ISL8499
Download  ISL8499 Download
File Size   464.57 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch

ISL8499 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8499 Datasheet PDF - Intersil Corporation

Part # ISL8499
Download  ISL8499 Click to download

File Size   464.57 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch

ISL8499 Datasheet (HTML) - Intersil Corporation


ISL8499 Product details

Ultra Low ON-Resistance, +1.65V to +4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch

The Intersil ISL8499 device is a low ON-Resistance, low voltage, bidirectional, Quad SPDT (Dual DPDT) analog switch designed to operate from a single +1.65V to +4.5V supply. Targeted applications include battery powered equipment that benefit from low rON (0.24Ω) and fast switching speeds (tON = 15ns, tOFF = 13ns). The digital logic input is 1.8V logic-compatible when using a single +3V supply. With a supply voltage of 4.2V and logic high voltage of 2.85V at both logic inputs, the part draws only 10µA max of ICC current.

Features
• Drop in Replacement for the STG3699 and DG2799
• ON-Resistance (rON)
    - V+ = +4.3V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.24Ω
    - V+ = +3.0V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.26Ω
    - V+ = +1.8V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.45Ω
• rON Matching between Channels . . . . . . . . . . . . . . . . . 0.04Ω
• rON Flatness Across Signal Range . . . . . . . . . . . . . . . 0.05Ω
• Single Supply Operation . . . . . . . . . . . . . . . +1.65V to +4.5V
• Low Power Consumption (PD) . . . . . . . . . . . . . . . . . <0.2µW
• Fast Switching Action (V+ = +4.3V)
    - tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15ns
    - tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13ns
• Guaranteed Break-Before-Make
• 1.8V Logic Compatible (+3V supply)
• Low ICC Current when VinH is not at the V+ Rail
• Available in 16 Ld 3x3 TQFN, 16 Ld 3x3 QFN and 16 Ld TSSOP
• ESD HBM Rating
    - COM Pins. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9kV
    - All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV
• Pb-Free Available (RoHS Compliant)

Applications
• Battery Powered, Handheld, and Portable Equipment
    - Cellular/Mobile Phones
    - Pagers
    - Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio and Video Switching




Similar Part No. - ISL8499

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8499 INTERSIL-ISL8499 Datasheet
329Kb / 14P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 3, 2006
ISL8499 INTERSIL-ISL8499 Datasheet
452Kb / 14P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
ISL8499 INTERSIL-ISL8499 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL8499 INTERSIL-ISL8499 Datasheet
454Kb / 14P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
More results


Similar Description - ISL8499

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54056 INTERSIL-ISL54056 Datasheet
280Kb / 12P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
October 30, 2006
ISL8499 INTERSIL-ISL8499_06 Datasheet
329Kb / 14P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 3, 2006
ISL8499 INTERSIL-ISL8499_08 Datasheet
452Kb / 14P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
ISL84467 INTERSIL-ISL84467 Datasheet
289Kb / 12P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 17, 2007
ISL54056 INTERSIL-ISL54056_07 Datasheet
281Kb / 12P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
August 15, 2007
ISL8499IR INTERSIL-ISL8499IR Datasheet
454Kb / 14P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL54056 RENESAS-ISL54056 Datasheet
606Kb / 12P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 RENESAS-ISL84467 Datasheet
679Kb / 13P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com