Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISTS200 Datasheet (PDF) - List of Unclassifed Manufacturers

ISTS200 Datasheet PDF - List of Unclassifed Manufacturers
Part # ISTS200
Download  ISTS200 Download
File Size   56.47 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS

ISTS200 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISTS200 Datasheet PDF - List of Unclassifed Manufacturers

Part # ISTS200
Download  ISTS200 Click to download

File Size   56.47 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS

ISTS200 Datasheet (HTML) - List of Unclassifed Manufacturers


ISTS200 Product details

DESCRIPTION

The ISTS100, ISTS200 opaque photointerrupters are single channel switches consisting of a Gallium Arsenide infrared emitting diode and a NPN silicon photo transistor mounted in a polycarbonate housing. The package is designed to optimise the mechanical resolution, coupling efficiency, ambient light rejection, cost and reliability. Operating on the principle that objects opaque to infrared will interrupt the transmission of light between an infrared emitting diode and a photo sensor switching the output from an "ON" state to an "OFF" state.



FEATURES

l High Gain

l 3mm Gap between LED and Detector

l Polycarbonate case protected against ambient light



APPLICATIONS

l Copiers, Printers, Facsimilies, Record Players, Casette Decks, Optoelectronic Switches




Similar Part No. - ISTS200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISTS250 ETC1-ISTS250 Datasheet
41Kb / 3P
TRANSMISSIVE OPTO-ELECTRONIC DUAL CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
More results


Similar Description - ISTS200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISTS802 ETC1-ISTS802 Datasheet
71Kb / 3P
0.5mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL WIDE GAP SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
ISTS300 ETC1-ISTS300 Datasheet
59Kb / 3P
1mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL SLOTTED INTERRUPTER SWITCHES WITH DARLINGTON SENSORS
ISTS150 ETC1-ISTS150 Datasheet
41Kb / 3P
TRANSMISSIVE OPTO-ELECTRONIC DUAL CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
logo
Everlight Electronics C...
ITR9909 EVERLIGHT-ITR9909 Datasheet
246Kb / 7P
Opto Interrupter
ITR9813 EVERLIGHT-ITR9813 Datasheet
235Kb / 8P
Opto Interrupter
2009/4/14
logo
ISOCOM COMPONENTS
H21A1 ISOCOM-H21A1 Datasheet
75Kb / 3P
1mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
ISTS105A ISOCOM-ISTS105A Datasheet
145Kb / 4P
SINGLE CHANNEL SLOTTED INTERRUPTER SWITCH WITH TRANSISTOR SENSORS
logo
Everlight Electronics C...
EAITRBA2 EVERLIGHT-EAITRBA2 Datasheet
383Kb / 9P
Opto Interrupter
EAITRCA1 EVERLIGHT-EAITRCA1 Datasheet
471Kb / 9P
Opto Interrupter
10.18.2013
EAITRDA3 EVERLIGHT-EAITRDA3 Datasheet
512Kb / 9P
Opto Interrupter
10.18.2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com