Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318 Datasheet (PDF) - Analog Devices

AD8318 Datasheet PDF - Analog Devices
Part # AD8318
Download  AD8318 Download
File Size   2791.04 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Logarithmic Detector/Controller

AD8318 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8318 Datasheet PDF - Analog Devices

Part # AD8318
Download  AD8318 Click to download

File Size   2791.04 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Logarithmic Detector/Controller

AD8318 Datasheet (HTML) - Analog Devices


AD8318 Product details

GENERAL DESCRIPTION
The AD8318 is a demodulating logarithmic amplifier, capable of accurately converting an RF input signal to a corresponding decibel-scaled output voltage. It employs the progressive compression technique over a cascaded amplifier chain, each stage of which is equipped with a detector cell. The device is used in measurement or controller mode. The AD8318 maintains accurate log conformance for signals of 1 MHz to 6 GHz and provides useful operation to 8 GHz. The input range is typically 60 dB (referenced to 50 Ω) with error less than ±1 dB. The AD8318 has a 10 ns response time that enables RF burst detection to beyond 45 MHz. The device provides unprecedented logarithmic intercept stability vs. ambient temperature conditions. A 2 mV/°C slope temperature sensor output is also provided for additional system monitoring. A single supply of 5 V is required. Current consumption is typically 68 mA. Power consumption decreases to <1.5 mW when the device is disabled.

FEATURES
   Wide bandwidth: 1 MHz to 8 GHz
   High accuracy: ±1.0 dB over 55 dB range (f < 5.8 GHz)
   Stability over temperature: ±0.5 dB
   Low noise measurement/controller output (VOUT)
   Pulse response time: 10 ns/12 ns (fall/rise)
   Integrated temperature sensor
   Small footprint LFCSP
   Power-down feature: <1.5 mW at 5 V
   Single-supply operation: 5 V at 68 mA
   Fabricated using high speed SiGe process

APPLICATIONS
   RF transmitter PA setpoint control and level monitoring
   RSSI measurement in base stations, WLAN, WiMAX, and
      radars




Similar Part No. - AD8318

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
7/04-Revision 0
AD8318 AD-AD8318 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
1/06-Rev. 0 to Rev. A
AD8318 AD-AD8318 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318 AD-AD8318 Datasheet
218Kb / 3P
Stable, Closed-Loop Automatic Power Control for RF Applications
REV. B
AD8318 AD-AD8318 Datasheet
247Kb / 5P
Software-Calibrated, 1 MHz to 8 GHz, 60 dB RF Power Measurement System Using a Logarithmic Detector
REV. C
More results


Similar Description - AD8318

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
logo
Analog Devices
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
Logarithmic Detector/Controller
8/2017-Rev. 0 to Rev. A
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
LOGARITHMIC DETECTOR / CONTROLLER
HMC601LP4 AD-HMC601LP4 Datasheet
494Kb / 8P
FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
LOGARITHMIC DETECTOR / CONTROLLER
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
HMC662LP3E AD-HMC662LP3E Datasheet
473Kb / 8P
LOGARITHMIC DETECTOR
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
HMC948LP3E AD-HMC948LP3E Datasheet
654Kb / 8P
LOGARITHMIC DETECTOR
HMC1094 AD-HMC1094 Datasheet
563Kb / 14P
Logarithmic Detector
11/14-Rev. 00.0813 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com