Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL59444 Datasheet (PDF) - Renesas Technology Corp

ISL59444 Datasheet PDF - Renesas Technology Corp
Part # ISL59444
Download  ISL59444 Download
File Size   770.91 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls

ISL59444 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL59444 Datasheet PDF - Renesas Technology Corp

Part # ISL59444
Download  ISL59444 Click to download

File Size   770.91 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls

ISL59444 Datasheet (HTML) - Renesas Technology Corp


ISL59444 Product details

The ISL59444 is a single-output 4:1 MUX-amp. The MUX-amp has a fixed gain of 1 and a 1GHz bandwidth. The ISL59444 is ideal for professional video switching, HDTV, computer display routing, and other high performance applications.

Features
• 1GHz (-3dB) Bandwidth (VOUT = 200mVP-P)
• 220MHz (-3dB) Bandwidth (VOUT = 2VP-P)
• Slew Rate (RL = 500Ω, VOUT = 4V). . . . . . . . . . . . . . . .1515V/µs
• Slew Rate (RL = 500Ω, VOUT = 5V) . . . . . . . . . . . . . . . .1155V/µs
• High Speed Three-State Output (HIZ)
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• HDTV/DTV Analog Inputs
• Video Projectors
• Computer Monitors
• Set-top Boxes
• Security Video
• Broadcast Video Equipment
• RGB Video Distribution Systems
• RF Switching and Routing




Similar Part No. - ISL59444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59444 INTERSIL-ISL59444 Datasheet
579Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
September 21, 2005
ISL59444IB INTERSIL-ISL59444IB Datasheet
579Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
September 21, 2005
ISL59444IB-T13 INTERSIL-ISL59444IB-T13 Datasheet
579Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
September 21, 2005
ISL59444IB-T7 INTERSIL-ISL59444IB-T7 Datasheet
579Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
September 21, 2005
ISL59444IBZ INTERSIL-ISL59444IBZ Datasheet
579Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
September 21, 2005
More results


Similar Description - ISL59444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
865MHz Multiplexing Amplifier
September 21, 2005
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
1GHz Triple Multiplexing Amplifiers
September 8, 2005
ISL59442 INTERSIL-ISL59442 Datasheet
560Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier
September 21, 2005
ISL59444 INTERSIL-ISL59444 Datasheet
579Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
September 21, 2005
HA4344B INTERSIL-HA4344B_06 Datasheet
100Kb / 4P
350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
June 1, 2006
ISL59442 INTERSIL-ISL59442_07 Datasheet
420Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier
January 5, 2007
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
HA4344B RENESAS-HA4344B Datasheet
293Kb / 4P
350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
1GHz Triple Multiplexing Amplifiers
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com