Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL59446 Datasheet (PDF) - Renesas Technology Corp

ISL59446 Datasheet PDF - Renesas Technology Corp
Part # ISL59446
Download  ISL59446 Download
File Size   909.23 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier

ISL59446 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL59446 Datasheet PDF - Renesas Technology Corp

Part # ISL59446
Download  ISL59446 Click to download

File Size   909.23 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier

ISL59446 Datasheet (HTML) - Renesas Technology Corp


ISL59446 Product details

The ISL59446 is a triple channel 4:1 multiplexer featuring integrated amplifiers with a fixed gain of 2, high slew rate and excellent bandwidth for video switching. The device features a three-state output (HIZ), which allows the outputs of multiple devices to be tied together. A power-down mode (ENABLE) is included to turn off unneeded circuitry in power sensitive applications. When the ENABLE pin is pulled high, the part enters a power-down mode and consumes just 14mW.

Features
• 510MHz bandwidth into 150Ω
• ±1600V/µs slew rate
• High impedance buffered inputs
• Internally set gain-of-2
• High speed three-state outputs (HIZ)
• Power-down mode (ENABLE)
• ±5V operation
• Supply current 11mA/ch
• Pb-Free (RoHS compliant)

Applications
• HDTV/DTV analog inputs
• Video projectors
• Computer monitors
• Set-top boxes
• Security video
• Broadcast video equipment




Similar Part No. - ISL59446

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
August 26, 2010
ISL59446IRZ INTERSIL-ISL59446IRZ Datasheet
766Kb / 13P
500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
August 26, 2010
ISL59446IRZ-T7 INTERSIL-ISL59446IRZ-T7 Datasheet
766Kb / 13P
500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
August 26, 2010
More results


Similar Description - ISL59446

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
500MHz Triple, Multiplexing Amplifiers
September 21, 2005
ISL59448 INTERSIL-ISL59448 Datasheet
676Kb / 14P
500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
March 29, 2006
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
December 22, 2006
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
500MHz Triple, Multiplexing Amplifiers
February 23, 2006
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
August 26, 2010
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
500MHz Triple, Multiplexing Amplifiers
October 18, 2010
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
500MHz Triple Multiplexing Amplifiers
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
Dual, 500MHz Triple, Multiplexing Amplifiers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com