Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL84582 Datasheet (PDF) - Renesas Technology Corp

ISL84582 Datasheet PDF - Renesas Technology Corp
Part # ISL84582
Download  ISL84582 Download
File Size   726.69 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer

ISL84582 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL84582 Datasheet PDF - Renesas Technology Corp

Part # ISL84582
Download  ISL84582 Click to download

File Size   726.69 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer

ISL84582 Datasheet (HTML) - Renesas Technology Corp


ISL84582 Product details

Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer

The Intersil ISL84582 device is made of precision, bi-directional, analog switches configured as a differential 4-Channel multiplexer/demultiplexer. It is designed to operate from a single +2V to +12V supply or from a ±2V to ±6V dual supplies. The device has an inhibit pin to simultaneously open all signal paths.

Features
• Pb-Free (RoHS Compliant)
• Fully Specified at 3.3V, 5V, ±5V, and 12V Supplies for 10% Tolerances
• ON-resistance (rON), VS = ±4.5V . . . . . . . . . . . . . . . . 44Ω
• ON-resistance (rON), VS = +3V . . . . . . . . . . . . . . . . 175Ω
• rON Matching Between Channels, VS = ±5V . . . . . . . . . <2Ω
• Low Charge Injection, VS = ±5V . . . . . . . . . . . . . 1pC (Max)
• Single Supply Operation. . . . . . . . . . . . . . . . . . . +2V to +12V
• Dual Supply Operation . . . . . . . . . . . . . . . . . . . . . ±2V to ±6V
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . . . .<3µW
• Fast Switching Action (VS = +5V)
    - tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43ns
    - tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20ns
• Guaranteed Max Off-Leakage . . . . . . . . . . . . . . . . . . .2.5nA
• Guaranteed Break-Before-Make
• TTL, CMOS Compatible

Applications
• Battery Powered, Handheld, and Portable Equipment
• Communications Systems
    - Radios
    - Telecom Infrastructure
    - ADSL, VDSL Modems
• Test Equipment
    - Medical Ultrasound
    - Magnetic Resonance Image
    - CT and PET Scanners (MRI)
    - ATE
    - Electrocardiograph
• Audio and Video Signal Routing
• Various Circuits
    - +3V/+5V DACs and ADCs
    - Sample and Hold Circuits
    - Operational Amplifier Gain Switching Networks
    - High Frequency Analog Switching
    - High Speed Multiplexing
    - Integrator Reset Circuits




Similar Part No. - ISL84582

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84582 INTERSIL-ISL84582 Datasheet
405Kb / 14P
Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
ISL84582 INTERSIL-ISL84582 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL84582 INTERSIL-ISL84582 Datasheet
402Kb / 14P
Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
405Kb / 14P
Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
402Kb / 14P
Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
More results


Similar Description - ISL84582

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
September 2003
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
November 2003
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
March 13, 2006
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
April 13, 2009
ISL84582 INTERSIL-ISL84582 Datasheet
405Kb / 14P
Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
402Kb / 14P
Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com