Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL84581IAZ Datasheet (PDF) - Renesas Technology Corp

ISL84581IAZ Datasheet PDF - Renesas Technology Corp
Part # ISL84581IAZ
Download  ISL84581IAZ Download
File Size   765.85 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer

ISL84581IAZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL84581IAZ Datasheet PDF - Renesas Technology Corp

Part # ISL84581IAZ
Download  ISL84581IAZ Click to download

File Size   765.85 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer

ISL84581IAZ Datasheet (HTML) - Renesas Technology Corp


ISL84581IAZ Product details

Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer

The Intersil ISL84581 device contains precision, bidirectional, analog switches configured as an 8-to-1 multiplexer/demultiplexer. It was designed to operate from a single +2V to +12V single supply or from dual ±2V to ±6V supplies. The device has an inhibit pin to simultaneously open all signal paths.

Features
• Fully Specified at 3.3V, 5V, ±5V, and 12V Supplies for 10% Tolerances
• ON-Resistance (rON) Max, VS = ±4.5V . . . . . . . . . . . 50Ω
• ON-Resistance (rON) Max, VS = +3V. . . . . . . . . . . . 155Ω
• rON Matching Between Channels, VS = ±5V . . . . . . . . . <2Ω
• Low Charge Injection, VS = ±5V . . . . . . . . . . . . . 1pC (Max)
• Single Supply Operation. . . . . . . . . . . . . . . . . . . +2V to +12V
• Dual Supply Operation . . . . . . . . . . . . . . . . . . . . . ±2V to ±6V
• Fast Switching Action (VS = +5V)
    - tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38ns
    - tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19ns
• Guaranteed Max Off-leakage . . . . . . . . . . . . . . . . . . .2.5nA
• Guaranteed Break-Before-Make
• TTL, CMOS Compatible
• Pb-free (RoHS Compliant)

Applications
• Battery Powered, Handheld, and Portable Equipment
• Communications Systems
    - Radios
    - Telecom Infrastructure
    - ADSL, VDSL Modems
• Test Equipment
    - Medical Ultrasound
    - Magnetic Resonance Image
    - CT and PET Scanners (MRI)
    - ATE
    - Electrocardiograph
• Audio and Video Signal Routing
• Various Circuits
    - +3V/+5V DACs and ADCs
    - Sample and Hold Circuits
    - Operational Amplifier Gain Switching Networks
    - High Frequency Analog Switching
    - High Speed Multiplexing
    - Integrator Reset Circuits




Similar Part No. - ISL84581IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84581IAZ INTERSIL-ISL84581IAZ Datasheet
422Kb / 15P
Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
April 13, 2009
ISL84581IAZ INTERSIL-ISL84581IAZ Datasheet
419Kb / 15P
Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
ISL84581IAZ-T INTERSIL-ISL84581IAZ-T Datasheet
422Kb / 15P
Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
April 13, 2009
ISL84581IAZ-T INTERSIL-ISL84581IAZ-T Datasheet
419Kb / 15P
Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
More results


Similar Description - ISL84581IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
September 2003
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
November 2003
ISL84051 INTERSIL-ISL84051_07 Datasheet
441Kb / 18P
Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
March 15, 2007
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
March 13, 2006
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
April 13, 2009
ISL84053IAZ-T INTERSIL-ISL84053IAZ-T Datasheet
784Kb / 19P
Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
May 16, 2011
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com