Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2202 Datasheet (PDF) - Microsemi Corporation

LX2202 Datasheet PDF - Microsemi Corporation
Part # LX2202
Download  LX2202 Download
File Size   176.13 Kbytes
Page   12 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2A Li-Ion Linear Charger and Power Control

LX2202 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX2202 Datasheet PDF - Microsemi Corporation

Part # LX2202
Download  LX2202 Click to download

File Size   176.13 Kbytes
Page   12 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2A Li-Ion Linear Charger and Power Control

LX2202 Datasheet (HTML) - Microsemi Corporation


LX2202 Product details

DESCRIPTION
The LX2202 Linear Battery Charger is a multi-state (2 stage) Li-Ion battery charger (Constant current / Constant voltage) that is designed to minimize battery charge time (even from current limited sources such as USB) and provide a simplified interface to control battery discharge.

KEY FEATURES
◾ Up to 2A Charge Current
◾ Internal Pass Element Can Function as a Reverse Direction Load Switch
◾ USB Compliant Charging States using optional USB input
◾ Isolated Battery Topology
◾ Low RdsON in Discharge Mode
◾ Full Capacity Charging
◾ True Charge Indicator
◾ Wall Supply Regulator Tolerance 5V + 10%
◾ Topping Charge with Voltage Monitoring Mode
◾ Improved charge/discharge mode detection circuitry
◾ Small, High Power 20-lead MLP package
◾ Selectable Li-Ion Battery for 4.1V or 4.2V Applications

APPLICATIONS
◾ Batteries up to 4AH Ratings (C/2)
◾ Cell Phones
◾ PDAs
◾ Charging Cradles
◾ Digital Cameras
◾ Low Cost Single Li-Ion Cell Chargers




Similar Part No. - LX2202

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2202 MICROSEMI-LX2202 Datasheet
193Kb / 12P
TM 2A Li-Ion Linear Charger and Power Control
LX2202CLQ MICROSEMI-LX2202CLQ Datasheet
193Kb / 12P
TM 2A Li-Ion Linear Charger and Power Control
LX2202CLQ-TR MICROSEMI-LX2202CLQ-TR Datasheet
193Kb / 12P
TM 2A Li-Ion Linear Charger and Power Control
LX2202 MICROSEMI-LX2202_06 Datasheet
193Kb / 12P
TM 2A Li-Ion Linear Charger and Power Control
More results


Similar Description - LX2202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4055 LINER-LTC4055 Datasheet
283Kb / 24P
USB Power Controller and Li-Ion Linear Charger
logo
Microsemi Corporation
LX2202 MICROSEMI-LX2202_06 Datasheet
193Kb / 12P
TM 2A Li-Ion Linear Charger and Power Control
logo
Linear Technology
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
2A Synchronous Buck Li-Ion Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
Linear Li-Ion Battery Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4056F HMSEMI-HM4056F Datasheet
2Mb / 12P
Linear Li-Ion Battery Charger
HM4056G HMSEMI-HM4056G Datasheet
2Mb / 12P
Linear Li-Ion Battery Charger
HM4040DR HMSEMI-HM4040DR Datasheet
339Kb / 5P
Linear Li-ion battery charger
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com