Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL99140 Datasheet (PDF) - Renesas Technology Corp

ISL99140 Datasheet PDF - Renesas Technology Corp
Part # ISL99140
Download  ISL99140 Download
File Size   761.22 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output

ISL99140 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL99140 Datasheet PDF - Renesas Technology Corp

Part # ISL99140
Download  ISL99140 Click to download

File Size   761.22 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output

ISL99140 Datasheet (HTML) - Renesas Technology Corp


ISL99140 Product details

40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output

The ISL99140 is a high performance DrMOS power module designed for high frequency power conversion. By combining a high performance FET driver and MOSFETs in an advanced package, high density DC/DC converters can be created. Combined with an Intersil PWM controller, a complete voltage regulator solution can be created with reduced external components and minimum overall PCB real estate.
The ISL99140 features a three-state PWM input that, working together with Intersil’s multiphase PWM controllers, will provide a robust solution in the event of abnormal operating conditions. To further support robust applications, the ISL99140 features a thermal warning output that can be used to notify the power system of an impending thermal fail event.

Features
• Compliant with Intel DrMOS revision 4.0 specifications
• 40A average output current capability
• Supports 3-state 3.3V PWM input
• Supports 2-state 5V PWM input
• Thermal warning output
• Diode emulation option
• Adaptive shoot-through protection
• Integrated high-side gate-to-source resistor to prevent self
   turn-on due to high input bus dV/dt
• Undervoltage lockout
• Switching frequencies up to 2MHz
• Pb-free (RoHS compliant)
• 6x6 QFN package

Applications
• High frequency and high efficiency VRM and VRD
• Core, graphic, and memory regulators for microprocessors
• High density VR for server, networking, and cloud computing
• POL DC/DC converters and video gaming consoles




Similar Part No. - ISL99140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL99140 INTERSIL-ISL99140 Datasheet
520Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
ISL99140 INTERSIL-ISL99140 Datasheet
478Kb / 17P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
October 27, 2016
ISL99140 INTERSIL-ISL99140 Datasheet
455Kb / 14P
40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output
May 5, 2014
logo
Renesas Technology Corp
ISL99140 RENESAS-ISL99140 Datasheet
845Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
ISL99140 RENESAS-ISL99140 Datasheet
779Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
Rev 4.00 January 24, 2017
More results


Similar Description - ISL99140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC769 VISHAY-SIC769 Datasheet
380Kb / 18P
Integrated DrMOS Power Stage
16-May-11
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
Integrated DrMOS Power Stage
21-May-12
logo
Fairchild Semiconductor
FDMF5822DCCT-ND FAIRCHILD-FDMF5822DCCT-ND Datasheet
1Mb / 25P
FDMF5822DC-Smart Power Stage (SPS) Module with Integrated Thermal Warning and Thermal Shutdown
logo
Intersil Corporation
ISL99140IRZ INTERSIL-ISL99140IRZ Datasheet
455Kb / 14P
40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output
May 5, 2014
ISL99125B INTERSIL-ISL99125B Datasheet
520Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
logo
Vishay Siliconix
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
DrMOS Integrated Power Stage
27-May-13
SIC772CD VISHAY-SIC772CD Datasheet
303Kb / 13P
DrMOS Integrated Power Stage
10-Jun-13
logo
ON Semiconductor
FDMF5820TDC ONSEMI-FDMF5820TDC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module with Integrated Thermal Warning
May 2016 Rev. 1.1
logo
Vishay Siliconix
SIC780 VISHAY-SIC780_V01 Datasheet
319Kb / 14P
Integrated DrMOS Power Stage
04-Aug-14
logo
Renesas Technology Corp
ISL99125B RENESAS-ISL99125B Datasheet
845Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com