Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD3220 Datasheet (PDF) - Zilog, Inc.

IXD3220 Datasheet PDF - Zilog, Inc.
Part # IXD3220
Download  IXD3220 Download
File Size   1563.78 Kbytes
Page   18 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description 16V Input Voltage Step-Down DC/DC Controller

IXD3220 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXD3220 Datasheet PDF - Zilog, Inc.

Part # IXD3220
Download  IXD3220 Click to download

File Size   1563.78 Kbytes
Page   18 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description 16V Input Voltage Step-Down DC/DC Controller

IXD3220 Datasheet (HTML) - Zilog, Inc.




Similar Part No. - IXD3220

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
Synchronous 600 mA Step-Down DC/DC Converter
More results


Similar Description - IXD3220

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1622 LINER-LTC1622 Datasheet
219Kb / 16P
Low Input Voltage Current Mode Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9213 TOREX-XC9213_2 Datasheet
1Mb / 34P
Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
XC9220 TOREX-XC9220 Datasheet
517Kb / 22P
16V Input Voltage, Step-Down DC/DC Controller ICs.
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
Voltage, Synchronous Step-Down DC/DC Controller
LTC1622 LINER-LTC1622_15 Datasheet
198Kb / 16P
Low Input Voltage Current Mode Step-Down DC/DC Controller
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Renesas Technology Corp
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
16V Input, 3A, Step-Down DC/DC Converter
RAA23022X RENESAS-RAA23022X Datasheet
1Mb / 32P
16V Input, 3A, Dual Step-Down DC/DC Converter
logo
Linear Technology
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com