Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9992 Datasheet (PDF) - Motorola, Inc

MPC9992 Datasheet PDF - Motorola, Inc
Part # MPC9992
Download  MPC9992 Download
File Size   143.83 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3.3 DIFFRERENTIAL ECL/PECL PLL CLOCK GENERATOR

MPC9992 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9992 Datasheet PDF - Motorola, Inc

Part # MPC9992
Download  MPC9992 Click to download

File Size   143.83 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3.3 DIFFRERENTIAL ECL/PECL PLL CLOCK GENERATOR

MPC9992 Datasheet (HTML) - Motorola, Inc


MPC9992 Product details

3.3V Differential ECL/PECL PLL Clock Generator

The MPC9992 is a 3.3 V compatible, PLL based PECL clock driver. Using SiGe technology and a fully differential design ensures optimum skew and PLL jitter performance. The performance of the MPC9992 makes the device ideal for workstation, mainframe computer and telecommunication applications. With output frequencies up to 400 MHz and output skews less than 150 ps1 the device meets the needs of the most demanding clock applications. The MPC9992 offers a differential PECL input and a crystal oscillator interface. All control signals are LVCMOS compatible.

Features
• 7 differential outputs, PLL based clock generator
• SiGe technology supports minimum output skew (max. 150 ps1)
• Supports up to two generated output clock frequencies with a maximum clock frequency up to 400 MHz
• Selectable crystal oscillator interface and PECL compatible clock input
• SYNC pulse generation
• PECL compatible differential clock inputs and outputs
• Single 3.3V (PECL) supply
• Ambient temperature range 0°C to +70°C
• Standard 32 lead LQFP package
• Pin and function compatible to the MPC992




Similar Part No. - MPC9992

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9993 MOTOROLA-MPC9993 Datasheet
102Kb / 8P
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
logo
Integrated Device Techn...
MPC9993 IDT-MPC9993 Datasheet
335Kb / 11P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
logo
Renesas Technology Corp
MPC9993 RENESAS-MPC9993 Datasheet
618Kb / 12P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
logo
Motorola, Inc
MPC9993D MOTOROLA-MPC9993D Datasheet
102Kb / 8P
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
MPC9993DFA MOTOROLA-MPC9993DFA Datasheet
102Kb / 8P
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
More results


Similar Description - MPC9992

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
3.3 V 1:12 LVCMOS PLL Clock Generator
logo
MTRONPTI
M3E MTRONPTI-M3E Datasheet
213Kb / 1P
14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
M3EH MTRONPTI-M3EH Datasheet
214Kb / 1P
8 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
logo
Micrel Semiconductor
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
logo
MTRONPTI
M3E_0611 MTRONPTI-M3E_0611 Datasheet
188Kb / 1P
14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
M3EH_0611 MTRONPTI-M3EH_0611 Datasheet
188Kb / 1P
8 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
logo
Vectron International, ...
CO-432_452 VECTRON-CO-432_452 Datasheet
67Kb / 2P
ECL/PECL Clock Oscillators
CO-437_457 VECTRON-CO-437_457 Datasheet
61Kb / 3P
ECL/PECL Clock Oscillators
logo
Renesas Technology Corp
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com