Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QHX220ICT7 Datasheet (PDF) - Renesas Technology Corp

QHX220ICT7 Datasheet PDF - Renesas Technology Corp
Part # QHX220ICT7
Download  QHX220ICT7 Download
File Size   1696.07 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Active Isolation Enhancer and Interference Canceller

QHX220ICT7 Datasheet (PDF)

Go To PDF Page Download Datasheet
QHX220ICT7 Datasheet PDF - Renesas Technology Corp

Part # QHX220ICT7
Download  QHX220ICT7 Click to download

File Size   1696.07 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Active Isolation Enhancer and Interference Canceller

QHX220ICT7 Datasheet (HTML) - Renesas Technology Corp


QHX220ICT7 Product details

Electromagnetic Interference (EMI) is emerging as a major concern in next generation wireless communication systems. As wireless terminals now support multiple services and features that utilize high data rates simultaneously, removing interference within wireless terminals like handsets has become a challenge.

Features
• Protocol agnostic. Designed for: GSM, CDMA, DVB-H, ISDB-T, DMB
• Frequency Range 300MHz to 3GHz
• Integrated, programmable LNA gain stages in the sampler path
• SPI bus controlled integrated DACs
• >20dB Noise Cancellation is possible
• 50dB typical Dynamic Range
• Low Power Consumption (<20mW typical, ~2µW standby)
• Ultra Small ~ 1mm2 devices are available as tested bumped die or 3x3mm2 QFN package

Applications
• Most any wireless device with a local aggressor:
    - Cell phones
    - Mobile TV devices
    - Laptop Computers
    - GPS terminals
    - Pico- and Femtocells
• Improved Tx to Rx Isolation of devices (i.e. duplexer, switches) or between neighboring antennae
• Basestations
• Linearization of PAs




Similar Part No. - QHX220ICT7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
QHX220ICT7 INTERSIL-QHX220ICT7 Datasheet
1Mb / 19P
Active Isolation Enhancer and Interference Canceller
More results


Similar Description - QHX220ICT7

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2209 NJRC-NJM2209 Datasheet
196Kb / 4P
VIDEO PICTURE ENHANCER
logo
Samsung semiconductor
KA2272D SAMSUNG-KA2272D Datasheet
152Kb / 6P
FM NOISE CANCELLER
logo
Sanyo Semicon Device
LA2110 SANYO-LA2110 Datasheet
159Kb / 6P
FM Noise Canceller
logo
MORNSUN Science& Techno...
T1530B MORNSUN-T1530B Datasheet
68Kb / 2P
Active Single channel Analog signal Isolation barrier
T5230B MORNSUN-T5230B Datasheet
68Kb / 2P
Active Single channel Analog signal Isolation barrier
T6630B MORNSUN-T6630B Datasheet
68Kb / 2P
Active Single channel Analog signal Isolation barrier
logo
Intersil Corporation
QHX220 INTERSIL-QHX220 Datasheet
1Mb / 19P
Active Isolation Enhancer and Interference Canceller
logo
Rohm
BU1570KN ROHM-BU1570KN_09 Datasheet
332Kb / 9P
AIE: Adaptive Image Enhancer
logo
CML Microcircuits
FX002 CMLMICRO-FX002 Datasheet
112Kb / 7P
Signal to Noise Enhancer
logo
MORNSUN Science& Techno...
TM1630CP MORNSUN-TM1630CP Datasheet
451Kb / 3P
ACTIVE HIGH PRECISION ISOLATION AMPLIFIER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com