Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TW8816 Datasheet (PDF) - Renesas Technology Corp

TW8816 Datasheet PDF - Renesas Technology Corp
Part # TW8816
Download  TW8816 Download
File Size   241.76 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LCD Flat Panel Processor with built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support

TW8816 Datasheet (PDF)

Go To PDF Page Download Datasheet
TW8816 Datasheet PDF - Renesas Technology Corp

Part # TW8816
Download  TW8816 Click to download

File Size   241.76 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LCD Flat Panel Processor with built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support

TW8816 Datasheet (HTML) - Renesas Technology Corp


TW8816 Product details

The TW8816 is a highly integrated multi-purpose LCD display solution for both analog and digital panels. To reduce BOM cost, TW8816 integrates an 8-bit MCU and a CCFL controller.
Through multiple input ports, TW8816 can directly display video and graphic content from a variety of devices including TV Tuners, DVD players, back-up cameras, DTV/DMB receivers and navigation/GPS receivers.

Features
• Supports analog inputs including CVBS, S-Video, YPbPr &
   RGB signals and digital inputs including 24 bit RGB &
   8/16/24 bit YCbCr. Interlaced and progressive ITU 601
   inputs are supported.
• Supports digital panels up to WXGA resolutions
• Integrates cost saving features including a CCFL controller,
   charge pump booster, programmable panel offset control
   and on-chip 8 bit 8051 MCU with SPI interface
• Embedded Image Enhancement
   - Programmable CTI, hue, brightness, saturation, contrast
      & sharpness control
   - Black/White Stretch
   - Programmable favorite color enhancement- up to three colors
   - Programmable Gamma Correction tables
  
Features List
Analog Video Decoder
• NTSC (M, 4.34) and PAL (B, D, G, H, I, M, N, N combination),
   PAL (60), SECAM with automatic format detection
• Advanced synchronization processing for VCR trick play signal
• Three 10-bit ADCs and analog clamping circuit.
• Built-in analog anti-aliasing filter
• Fully programmable static gain or automatic gain control
   for the Y or CVBS channel
• Programmable white peak control for the Y or CVBS channel
• Software selectable analog inputs allows any of the following
   - Up to 4 composite video
   - UP to 3 S-Video
   - Up to 2 analog YPbPr and RGB
• 4-H adaptive comb filter Y/C separation
• PAL delay line for color phase error correction
• Digital PLL for both color and horizontal locking
• Programmable hue, brightness, saturation, contrast,
   sharpness, Gamma control, and noise suppression
• Automatic color control and color killer
• Detection of level of copy protection according to Macrovision standard

Analog RGB / YPbPr input
• Built-in sync processor for SOG support
• Built-in Line-locked PLL
• Built-in input measurement function
• Support directly sampling up to SVGA(50MHz).

Digital interface
• Allows connection to 8/16/24-bit RGB/YCbCr
• Support interlaced
• ITU 656, interlaced and progressive ITU 601.

TFT Panel Support
• Supports a variety of Digital single pixel TFT panels and
   Analog active matrix TFT panels
• Supports digital TTL panel up to WXGA(1280 x 768),
   100MHz and analog panel up to WQVGA (480 x 234), 20 MHz
• Supports 3, 4, 6 or 8 bits per pixel format (Continue ...)




Similar Part No. - TW8816

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
TW8816 INTERSIL-TW8816 Datasheet
177Kb / 2P
Highly integrated LCD controller with on-chip MCU & CCFL controller
TW8816 INTERSIL-TW8816 Datasheet
164Kb / 2P
LCD Flat Panel Processor with built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
January 5, 2015
TW8816-LA3-GRS INTERSIL-TW8816-LA3-GRS Datasheet
177Kb / 2P
Highly integrated LCD controller with on-chip MCU & CCFL controller
TW8816B3 INTERSIL-TW8816B3 Datasheet
121Kb / 2P
LCD Flat Panel Processor with Built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
January 5, 2015
logo
Renesas Technology Corp
TW8816B3 RENESAS-TW8816B3 Datasheet
203Kb / 2P
LCD Flat Panel Processor with Built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
More results


Similar Description - TW8816

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
TW8807 INTERSIL-TW8807 Datasheet
162Kb / 2P
LCD Flat Panel Controller with Built-in NTSC/PAL/SECAM Decoder and Analog T-CON
July 12, 2011
TW8816 INTERSIL-TW8816 Datasheet
164Kb / 2P
LCD Flat Panel Processor with built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
January 5, 2015
TW8816B3 INTERSIL-TW8816B3 Datasheet
121Kb / 2P
LCD Flat Panel Processor with Built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
January 5, 2015
TW8826 INTERSIL-TW8826 Datasheet
119Kb / 2P
LCD Flat Panel Processor with built-in MCU,NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
January 5, 2015
TW8827 INTERSIL-TW8827 Datasheet
155Kb / 2P
Analog LCD Panel Processor with built-in MCU NTSC/PAL./SECAM Decoder and TCON
January 5, 2015
logo
Renesas Technology Corp
TW8806 RENESAS-TW8806 Datasheet
214Kb / 2P
LCD Flat Panel TV / PC Monitor Controller with Built-in NTSC/PAL/SECAM Decoder, Analog RGB, DAC and T-CON
TW8807 RENESAS-TW8807 Datasheet
175Kb / 2P
LCD Flat Panel Controller with Built-in NTSC/PAL/SECAM Decoder and Analog T-CON
TW8816B3 RENESAS-TW8816B3 Datasheet
203Kb / 2P
LCD Flat Panel Processor with Built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
TW8826 RENESAS-TW8826 Datasheet
186Kb / 2P
LCD Flat Panel Processor with built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
TW8827 RENESAS-TW8827 Datasheet
208Kb / 2P
Analog LCD Panel Processor with built-in MCU NTSC/PAL./SECAM Decoder and TCON
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com