Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX25P40 Datasheet (PDF) - List of Unclassifed Manufacturers

NX25P40 Datasheet PDF - List of Unclassifed Manufacturers
Part # NX25P40
Download  NX25P40 Download
File Size   533.5 Kbytes
Page   28 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI

NX25P40 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX25P40 Datasheet PDF - List of Unclassifed Manufacturers

Part # NX25P40
Download  NX25P40 Click to download

File Size   533.5 Kbytes
Page   28 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI

NX25P40 Datasheet (HTML) - List of Unclassifed Manufacturers


NX25P40 Product details

[NexFlash]

GENERAL DESCRIPTION
The NX25P10 (1M-bit), NX25P20 (2M-bit) and NX25P40 (4M-bit) Serial Flash memories provide a storage solution for systems with limited space, pins and power. They are ideal for code download applications as well as storing voice, text and data. The devices operate on a single 2.7V to 3.6V power supply with current consumption as low as 4mA active and 1µA for power-down. All devices are offered in space-saving 8-pin SOIC type packages as shown below. Contact NexFlash for availability of alternate packages. As part of a family of Serial Flash products, NexFlash also provides a compatible migration path to 8M/ 16M/32M-bit densities.

FEATURES
• 1M / 2M / 4M-bit Serial Flash Memories
• Family of Serial Flash Memories
    – NX25P10: 1M-bit / 128K-byte (131,072 ) 512 pages
    – NX25P20: 2M-bit / 256K-byte (262,144 ) 1024 pages
    – NX25P40: 4M-bit / 512K-byte (524,288 ) 2048 pages
    – 256-bytes per programmable page
    – Compatible migration path to 8M/16M/32M-bit
• 4-pin SPI Serial Interface
    – Clock, Chip Select, Data In, Data Out
    – Easily interfaces to popular microcontrollers
    – Compatible with SPI Modes 0 and 3
    – Optional Hold function for SPI flexibility
• Low Power Consumption, Wide Temperature Range
    – Single 2.7 to 3.6V supply
    – 4mA active current, 1µA Power-down (typ)
    – -40° to +85°C operating range
• Fast and Flexible Serial Data Access
    – Clock operation to 40MHz Fast Read, 33MHz Standard Read
    – Byte-addressable Read and Program
    – Auto-increment Read capability
    – Manufacturer and Device ID
• Programming Features
    – Page program up to 256 bytes <2ms
    – Sector Erase (64K-byte) 2 seconds
    – Chip erase: 3 seconds (25P10/20), 5 seconds (25P40)
    – 100,000 erase/write cycles
    – Twenty year data retention
• Software and Hardware Write Protection
    – Write-Protect all or portion of memory via software
    – Enable/Disable protection with WP pin
• Space Saving Package
    – Tiny 8-pin SOIC
• Ideal for systems with limited pins, space, and power
    – ASIC and Controller-based serial code-download
    – Microcontroller systems storing data, text or voice
    – Battery-operated and portable products




Similar Part No. - NX25P40

ManufacturerPart #DatasheetDescription
logo
YORKVILLE
NX25P YORKVILLE-NX25P Datasheet
191Kb / 1P
12-inch Powered Loudspeaker Cabinet
NX25P-2 YORKVILLE-NX25P-2 Datasheet
2Mb / 1P
12-INCH POWERED LOUDSPEAKER
More results


Similar Description - NX25P40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX25F011B ETC1-NX25F011B Datasheet
544Kb / 37P
1M-BIT, 2M-BIT, AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE
logo
Winbond
W25X10 WINBOND-W25X10 Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25P10 WINBOND-W25P10 Datasheet
1Mb / 35P
1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 40MHZ SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL_09 Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com