Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9313 Datasheet (PDF) - Renesas Technology Corp

X9313 Datasheet PDF - Renesas Technology Corp
Part # X9313
Download  X9313 Download
File Size   579.94 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC

X9313 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9313 Datasheet PDF - Renesas Technology Corp

Part # X9313
Download  X9313 Click to download

File Size   579.94 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC

X9313 Datasheet (HTML) - Renesas Technology Corp


X9313 Product details

Digitally Controlled Potentiometer (XDCP™) Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC

The Intersil X9313 is a digitally controlled potentiometer (XDCP). The device consists of a resistor array, wiper switches, a control section, and nonvolatile memory. The wiper position is controlled by a 3-wire interface.

Features
• Solid-state potentiometer
• 3-wire serial interface
• 32 wiper tap points
    - Wiper position stored in nonvolatile memory and recalled on power-up
• 31 resistive elements
    - Temperature compensated
    - End-to-end resistance range ±20%
    - Terminal voltages, -VCC to +VCC
• Low power CMOS
    - VCC = 3V or 5V
    - Active current, 3mA max.
    - Standby current, 500µA max.
• High reliability
    - Endurance, 100,000 data changes per bit
    - Register data retention, 100 years
• RTOTAL values = 1k, 10k, 50k
• Packages
    - 8 Ld SOIC, 8 Ld MSOP and 8 Ld PDIP
• Pb-free available (RoHS compliant)




Similar Part No. - X9313

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9313 XICOR-X9313 Datasheet
50Kb / 10P
E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
Terminal Voltages -5V, 32 Taps
September 9, 2005
X9313 INTERSIL-X9313 Datasheet
277Kb / 12P
Digitally Controlled Potentiometer
April 18, 2007
X9313 INTERSIL-X9313 Datasheet
284Kb / 12P
Digitally Controlled Potentiometer (XDCP??
X9313 INTERSIL-X9313 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
More results


Similar Description - X9313

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313USIZT1 INTERSIL-X9313USIZT1 Datasheet
284Kb / 12P
Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
January 15, 2008
X9313UMIZ INTERSIL-X9313UMIZ Datasheet
305Kb / 12P
Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
X9313ZSIZT1 INTERSIL-X9313ZSIZT1 Datasheet
305Kb / 12P
Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
October 7, 2015
logo
Renesas Technology Corp
ISL95311 RENESAS-ISL95311 Datasheet
588Kb / 12P
Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
ISL95710 RENESAS-ISL95710 Datasheet
711Kb / 10P
Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V to 짹5V, 128 Taps, Up/Down Interface
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
X9314 RENESAS-X9314 Datasheet
443Kb / 8P
Terminal Voltages 짹5V, 32 Taps, Log Taper Single Digitally Controlled Potentiometer (XDCP??
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X93156 RENESAS-X93156 Datasheet
403Kb / 7P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, 3 wire Up/Down, 32 Taps
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com