Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2779AF-08SR Datasheet (PDF) - Alliance Semiconductor Corporation

P2779AF-08SR Datasheet PDF - Alliance Semiconductor Corporation
Part # P2779AF-08SR
Download  P2779AF-08SR Download
File Size   197.5 Kbytes
Page   8 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Low-Cost Notebook EMI Reduction IC

P2779AF-08SR Datasheet (PDF)

Go To PDF Page Download Datasheet
P2779AF-08SR Datasheet PDF - Alliance Semiconductor Corporation

Part # P2779AF-08SR
Download  P2779AF-08SR Click to download

File Size   197.5 Kbytes
Page   8 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Low-Cost Notebook EMI Reduction IC

P2779AF-08SR Datasheet (HTML) - Alliance Semiconductor Corporation


P2779AF-08SR Product details

Product Description

The P2779A is a versatile spread spectrum frequency modulator designed specifically for mobile and digital camera and other digital video and imaging applications. The P2779A reduces electromagnetic interference (EMI) at the clock source, which provides system-wide reduction of EMI of all clock dependent signals. The P2779A allows significant system cost savings by reducing the number of circuit board layers and shielding that are traditionally required to pass EMI regulations.



Features

Provides up to 15dB of EMI suppression

FCC approved method of EMI attenuation

Generates a 1X low EMI spread spectrum clock of the input frequency

Operates between 20MHz and 38MHz input frequency range

External loop filter for spread percentage adjustment

Spreading ranges from ±0.25% to ±2.5%

Ultra low cycle-to-cycle jitter

Zero-Cycle slip at small deviations

3.3 V Operating Voltage

10 mA output drives

TTL or CMOS compatible outputs

Low power CMOS design

Available in 8-pin SOIC and TSSOP Packages

Available for Industrial temperature operating range (-40º C to 85º C)




Similar Part No. - P2779AF-08SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2779AF-08-SR PULSECORE-P2779AF-08-SR Datasheet
360Kb / 8P
Low-Cost Notebook EMI Reduction IC
logo
ON Semiconductor
P2779AF-08-SR ONSEMI-P2779AF-08-SR Datasheet
127Kb / 7P
Low-Cost Notebook EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P2779AF-08-ST PULSECORE-P2779AF-08-ST Datasheet
360Kb / 8P
Low-Cost Notebook EMI Reduction IC
logo
ON Semiconductor
P2779AF-08-ST ONSEMI-P2779AF-08-ST Datasheet
127Kb / 7P
Low-Cost Notebook EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P2779AF-08-TR PULSECORE-P2779AF-08-TR Datasheet
360Kb / 8P
Low-Cost Notebook EMI Reduction IC
More results


Similar Description - P2779AF-08SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P18S19B ALSC-ASM3P18S19B Datasheet
197Kb / 7P
Notebook LCD Panel EMI Reduction IC
P1707A ALSC-P1707A Datasheet
209Kb / 10P
Notebook LCD Panel EMI Reduction IC
P1708C ALSC-P1708C Datasheet
482Kb / 10P
Low Power Notebook LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P18S19B PULSECORE-ASM3P18S19B Datasheet
185Kb / 7P
Notebook LCD Panel EMI Reduction IC
P2779A PULSECORE-P2779A Datasheet
360Kb / 8P
Low-Cost Notebook EMI Reduction IC
logo
ON Semiconductor
P1708C ONSEMI-P1708C Datasheet
174Kb / 7P
Notebook LCD Panel EMI Reduction IC
FEBRUARY 2010 ??Rev. 2
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
P1819GF-08SR ONSEMI-P1819GF-08SR Datasheet
168Kb / 6P
Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
P2779A ONSEMI-P2779A Datasheet
127Kb / 7P
Low-Cost Notebook EMI Reduction IC
August, 2011 ??Rev. P2
P1707A ONSEMI-P1707A Datasheet
113Kb / 6P
Notebook LCD Panel EMI Reduction IC
August, 2011 ??Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com