Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR1507 Datasheet (PDF) - List of Unclassifed Manufacturers

PR1507 Datasheet PDF - List of Unclassifed Manufacturers
Part # PR1507
Download  PR1507 Download
File Size   161.34 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Plastic Fast Recover Rectifier

PR1507 Datasheet (PDF)

Go To PDF Page Download Datasheet
PR1507 Datasheet PDF - List of Unclassifed Manufacturers

Part # PR1507
Download  PR1507 Click to download

File Size   161.34 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Plastic Fast Recover Rectifier

PR1507 Datasheet (HTML) - List of Unclassifed Manufacturers


PR1507 Product details

[DACHANG ELECTRONICS]



Reverse Voltage 50 to 1000V

Forward Current 1.5A



Features

• Low reverse leakage

• High forward surge capability

• High temperature soldering guaranteed: 250℃/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension



 




Similar Part No. - PR1507

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
PR1507 BILIN-PR1507 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
logo
Compact Technology Corp...
PR1507 CTC-PR1507 Datasheet
51Kb / 2P
FAST RECOVERY RECTIFIERS (DO-41)
PR1507 CTC-PR1507 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIERS (DO-15)
logo
Shenzhen Luguang Electr...
PR1507 LUGUANG-PR1507 Datasheet
165Kb / 2P
Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
PR1507 DSK-PR1507 Datasheet
259Kb / 2P
FAST RECOVERY RECTIFIERS
More results


Similar Description - PR1507

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
RU3 DACHANG-RU3_15 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier
RU4Z DACHANG-RU4Z_15 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier
TVR1B DACHANG-TVR1B_15 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier
BA157 DACHANG-BA157_15 Datasheet
125Kb / 2P
Plastic Fast Recover Rectifier
1N4933 DACHANG-1N4933_15 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier
ERB4402 DACHANG-ERB4402_15 Datasheet
122Kb / 2P
Plastic fast Recover Rectifier
EU1Z DACHANG-EU1Z_15 Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier
FR251 DACHANG-FR251_15 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier
FR601 DACHANG-FR601_15 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier
MPG06A DACHANG-MPG06A_15 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com