Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9511WP Datasheet (PDF) - Renesas Technology Corp

X9511WP Datasheet PDF - Renesas Technology Corp
Part # X9511WP
Download  X9511WP Download
File Size   456.95 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V

X9511WP Datasheet (PDF)

Go To PDF Page Download Datasheet
X9511WP Datasheet PDF - Renesas Technology Corp

Part # X9511WP
Download  X9511WP Click to download

File Size   456.95 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V

X9511WP Datasheet (HTML) - Renesas Technology Corp


X9511WP Product details

DESCRIPTION
The Intersil X9511 is a push button controlled potentiometer that is ideal for push button controlled resistance trimming.
The X9511 is a resistor array composed of 31 resistive elements. Between each element and at either end are tap points accessible to the wiper element. The position of the wiper element is controlled by the PU and PD inputs. The position of the wiper can be automatically stored in E2 memory and then be recalled upon a subsequent power-on operation.
The resolution of the X9511 is equal to the maximum resistance value divided by 31. As an example, for the X9511W (10kΩ) each tap point represents 323Ω.
All Intersil nonvolatile products are designed and tested for applications requiring extended endurance and data retention.

FEATURES
• Push button controlled
• Low power CMOS
    —Active current, 3mA max
    —Standby current, 100µA typical
• 31 resistive elements
    —Temperature compensated
    —±20% end to end resistance range
    —-5V to +5V range
• 32 wiper tap points
    —Wiper positioned via two push button inputs
    —Slow and fast scan modes
    —AUTOSTORE® option
    —Manual store option
    —Wiper position stored in nonvolatile memory and recalled on power-up
• 100 year wiper position data retention
• X9511W = 10kΩ
• Packages
    —8 Ld PDIP
    —8 Ld SOIC
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - X9511WP

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9511WP XICOR-X9511WP Datasheet
56Kb / 10P
PushPot O Potentiometer (Push Button Controlled)
logo
Intersil Corporation
X9511WP INTERSIL-X9511WP Datasheet
213Kb / 9P
Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
September 6, 2005
X9511WP INTERSIL-X9511WP Datasheet
195Kb / 9P
Single Push Button Controlled Potentiometer (
February 2, 2007
X9511WP INTERSIL-X9511WP Datasheet
201Kb / 9P
The Intersil X9511 is a push button controlled potenti ometer that is ideal for push button controlled resis tance trimming
February 2, 2007
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
More results


Similar Description - X9511WP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
September 6, 2005
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
Single Push Button Controlled Potentiometer (
February 2, 2007
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
July 16, 2009
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
Single Push Button Controlled Potentiometer XDCP
March 24, 2008
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
Single Push Button Controlled Potentiometer
January 21, 2008
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com