Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF1003A Datasheet (PDF) - ON Semiconductor

FPF1003A Datasheet PDF - ON Semiconductor
Part # FPF1003A
Download  FPF1003A Download
File Size   1487.83 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Advanced Load Management Products

FPF1003A Datasheet (PDF)

Go To PDF Page Download Datasheet
FPF1003A Datasheet PDF - ON Semiconductor

Part # FPF1003A
Download  FPF1003A Click to download

File Size   1487.83 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Advanced Load Management Products

FPF1003A Datasheet (HTML) - ON Semiconductor


FPF1003A Product details

Description
The FPF1003A and FPF1004 are low RDS P-channel MOSFET load switches with controlled turn-on. The input voltage range operates from 1.2 V to 5.5 V to fulfill todays ultra-portable device supply requirements. Switch control is accomplished with a logic input (ON) capable of interfacing directly with low-voltage control signal. In FPF1004, a 120 Ω on-chip load resistor is added for output quick discharge when the switch is turned off.
Both FPF1003A and FPF1004 are available in a spacesaving 1.0x1.5 mm2 wafer-level chip-scale package.

Features
■ 1.2 V to 5.5 V Input Voltage Operating Range
■ Typical RDS(ON):
    - 30 mΩ at VIN=5.5 V
    - 35 mΩ at VIN=3.3 V
■ ESD Protected: Above 8000 V HBM
■ ROHS Compliant

Applications
■ PDA’s
■ Cell Phones
■ GPS Devices
■ MP3 Players
■ Digital Cameras
■ Peripheral Ports
■ Hot Swap Supplies




Similar Part No. - FPF1003A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A_12 Datasheet
1Mb / 11P
IntelliMAX??Advanced Load Management Products
More results


Similar Description - FPF1003A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1005 FAIRCHILD-FPF1005 Datasheet
279Kb / 9P
IntelliMAXTM Advanced Load Management Products
FPF1005_0612 FAIRCHILD-FPF1005_0612 Datasheet
361Kb / 9P
IntelliMAXTM Advanced Load Management Products
FPF2500 FAIRCHILD-FPF2500_07 Datasheet
552Kb / 13P
IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108_08 Datasheet
366Kb / 12P
IntelliMAX??Advanced Load Management Products
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
IntelliMAX??Advanced Load Management Products
FPF2174 FAIRCHILD-FPF2174_08 Datasheet
860Kb / 12P
IntelliMAX??Advanced Load Management Products
logo
ON Semiconductor
FPF1005 ONSEMI-FPF1005 Datasheet
622Kb / 9P
Advanced Load Management Products
October-2017, Rev. 7
FPF2000 ONSEMI-FPF2000 Datasheet
365Kb / 14P
Advanced Load Management Products
October 2008 Rev. H
FPF2116 ONSEMI-FPF2116 Datasheet
380Kb / 14P
Advanced Load Management Products
August 2008 Rev. D
FPF2123 ONSEMI-FPF2123 Datasheet
382Kb / 15P
Advanced Load Management Products
October 2008 Rev. F
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com