Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE6232 Datasheet (PDF) - NTE Electronics

NTE6232 Datasheet PDF - NTE Electronics
Part # NTE6232
Download  NTE6232 Download
File Size   27.64 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Powerblock Module

NTE6232 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE6232 Datasheet PDF - NTE Electronics

Part # NTE6232
Download  NTE6232 Click to download

File Size   27.64 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Powerblock Module

NTE6232 Datasheet (HTML) - NTE Electronics


NTE6232 Product details

Description:

The NTE6232 uses 2 power diodes in series and the semiconductors are electrically isolated from the metal base, allowing common heatsinks and compact assemblies to be built. This device is intended for general purpose applications such as battery chargers, welders and plating equipment and where high voltage and high current are required.



Features:

Standard Voltage

Electrically Isolated Base Plate

3500VRMS Isolating Voltage

High Surge Capability

Large Creepage Distances



Ratings and Characteristics:

Average Forward Current (TC = +92°C, 180° Conduction, Half Sine Wave), IF(AV) . . . . . . . . . . 100A

Maximum RMS On–State Current, IT(RMS) . . . . . . . . . . . . . . . . . . . . .  . . . . . . . . . 141A

Maximum Repetitive Peak Reverse and Off–State Blocking Voltage, VRRM, VDRM . . . . . . . . 1600V

Maximum Non–Repetitive Peak Reverse Voltage, VRSM . . . . . . . . . . . . . . . . . . . . 1700V

Maximum Peak Reverse Current (TJ = +125°C), IRRM . . . . . . . . . . . . . . . . . . . . . . . 10mA

RMS Isolation Voltage (50Hz, Circuit to Base, All Terminals Shorted, t = 1s), VISO . . . . . . . . 3500V

Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . .  . . . . . . –40° to +150°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40° to +150°C

Thermal Resistance, Junction–to–Case (Per Module, DC Operation), RthJC . . . . . . . . . . . 0.22°C/W

Thermal Resistance, Case–to–Sink (Note 1), RthCS . . . . . . . . . . . . .. . . . . . . . . 0.1°C/W




Similar Part No. - NTE6232

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE623 NTE-NTE623 Datasheet
18Kb / 2P
Silicon Rectifier Fast Recovery, Dual, Center Tap
NTE6230 NTE-NTE6230 Datasheet
47Kb / 2P
Powerblock Modules
NTE6234 NTE-NTE6234 Datasheet
24Kb / 2P
Powerblock Module
NTE6236 NTE-NTE6236 Datasheet
24Kb / 2P
Powerblock Module
More results


Similar Description - NTE6232

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5708 NTE-NTE5708 Datasheet
24Kb / 2P
Powerblock Modules
NTE5710 NTE-NTE5710 Datasheet
47Kb / 2P
Powerblock Modules
NTE5726 NTE-NTE5726 Datasheet
30Kb / 3P
Powerblock Module
NTE5728 NTE-NTE5728 Datasheet
30Kb / 3P
Powerblock Module
NTE5740 NTE-NTE5740 Datasheet
26Kb / 2P
Powerblock Modules 3 Phase Bride Modules
NTE5744 NTE-NTE5744 Datasheet
24Kb / 2P
Powerblock Modules 3 Phase Bride Modules
NTE6234 NTE-NTE6234 Datasheet
24Kb / 2P
Powerblock Module
NTE6236 NTE-NTE6236 Datasheet
24Kb / 2P
Powerblock Module
logo
Astrodyne Corporation
PWB ASTRODYNE-PWB Datasheet
514Kb / 3P
PowerBlock Micro-Miniature Modular Switching Power Supplies
logo
Infineon Technologies A...
PB34 INFINEON-PB34 Datasheet
111Kb / 2P
Gate Leads for PowerBLOCK Modules
2016-09-15 Revision: 3.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com