Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C147-20FMB Datasheet (PDF) - List of Unclassifed Manufacturers

P4C147-20FMB Datasheet PDF - List of Unclassifed Manufacturers
Part # P4C147-20FMB
Download  P4C147-20FMB Download
File Size   59.45 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM

P4C147-20FMB Datasheet (PDF)

Go To PDF Page Download Datasheet
P4C147-20FMB Datasheet PDF - List of Unclassifed Manufacturers

Part # P4C147-20FMB
Download  P4C147-20FMB Click to download

File Size   59.45 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM

P4C147-20FMB Datasheet (HTML) - List of Unclassifed Manufacturers


P4C147-20FMB Product details

[PERFORMANCE SEMICONDUCTOR CORPORATION]

DESCRIPTION
The P4C147 is a 4,096-bit ultra high speed static RAM organized as 4K x 1. The CMOS memory requires no clocks or refreshing, and have equal access and cycle times. Inputs are fully TTL-compatible. The RAM operates from a single 5V ± 10% tolerance power supply.
Access times as fast as 10 nanoseconds are available, permitting greatly enhanced system operating speeds. CMOS is utilized to reduce power consumption in both active and standby modes. In addition to very high performance, this device features latch-up protection and single-event-upset protection.
The P4C147 is available in 18 pin 300 mil DIP packages, an 18-pin CERPACK package, and 2 different LCC packages.

FEATURES
■ Full CMOS, 6T Cell
■ High Speed (Equal Access and Cycle Times)
   – 10/12/15/20/25 ns (Commercial)
   – 15/20/25/35 ns (Military)
■ Low Power Operation
   – 715 mW Active –10 (Commercial)
   – 550 mW Active –25 (Commercial)
   – 110 mW Standby (TTL Input)
   – 55 mW Standby (CMOS Input)
■ Single 5V ± 10% Power Supply
■ Separate Input and Output Ports
■ Three-State Outputs
■ Fully TTL Compatible Inputs and Outputs
■ Standard Pinout (JEDEC Approved)
   – 18 Pin 300 mil DIP
   – 18 Pin CERPACK
   – 18 Pin LCC (290 x 430 mils)




Similar Part No. - P4C147-20FMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C147-20FMB PYRAMID-P4C147-20FMB Datasheet
188Kb / 10P
ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
More results


Similar Description - P4C147-20FMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Cypress Semiconductor
CY7C147 CYPRESS-CY7C147 Datasheet
384Kb / 7P
4K x 1 STATIC RAM
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
16K X 1 HIGH SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C147 PYRAMID-P4C147 Datasheet
188Kb / 10P
ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C107 PYRAMID-P4C107 Datasheet
544Kb / 8P
ULTRA HIGH SPEED 1M x 1 STATIC CMOS RAM
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com