Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD607A Datasheet (PDF) - Alpha & Omega Semiconductors

AOD607A Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD607A
Download  AOD607A Download
File Size   562.16 Kbytes
Page   11 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Complementary MOSFET

AOD607A Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD607A Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD607A
Download  AOD607A Click to download

File Size   562.16 Kbytes
Page   11 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Complementary MOSFET

AOD607A Datasheet (HTML) - Alpha & Omega Semiconductors


AOD607A Product details

General Description
• Trench Power MOSFET technology
• Low RDS(ON)
• Low Gate Charge
• Excellent Thermal Performance
• RoHS and Halogen-Free Compliant

Applications
• Pch+Nch Complementary MOSFET for DC-FAN

Product Summary
                                             Q1         Q2
   VDS                                  30V       -30V
   ID (at VGS=10V)               8A         -12A
   RDS(ON) (at VGS=10V)   < 25mΩ  < 27mΩ
   RDS(ON) (at VGS=4.5V)  < 38mΩ  < 45mΩ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOD607A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
215Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607L AOSMD-AOD607L Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607_08 Datasheet
215Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
More results


Similar Description - AOD607A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4629 AOSMD-AO4629 Datasheet
855Kb / 9P
30V Complementary MOSFET
AO4616 AOSMD-AO4616_11 Datasheet
387Kb / 9P
30V Complementary MOSFET
AON3613 AOSMD-AON3613 Datasheet
423Kb / 9P
30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF3036C GOOD-ARK-SSF3036C Datasheet
435Kb / 5P
30V Complementary MOSFET
SSF4604 GOOD-ARK-SSF4604 Datasheet
568Kb / 4P
30V Complementary MOSFET
logo
HUAYI MICROELECTRONICS ...
HYG170C03LA1S HUAYI-HYG170C03LA1S Datasheet
1Mb / 14P
30V Complementary MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com