Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA25C020 Datasheet (PDF) - List of Unclassifed Manufacturers

SA25C020 Datasheet PDF - List of Unclassifed Manufacturers
Part # SA25C020
Download  SA25C020 Download
File Size   504.89 Kbytes
Page   31 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2Mb EEPROM with 25MHz SPI Bus Interface

SA25C020 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA25C020 Datasheet PDF - List of Unclassifed Manufacturers

Part # SA25C020
Download  SA25C020 Click to download

File Size   504.89 Kbytes
Page   31 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2Mb EEPROM with 25MHz SPI Bus Interface

SA25C020 Datasheet (HTML) - List of Unclassifed Manufacturers


SA25C020 Product details

[SAIFUN]

General Description
The SA25C020 is a 2Mb (512K X 4) CMOS non-volatile serial EEPROM. This device fully conforms to the SPI 4-wire protocol, is enabled through the Chip Select (CSb) pin, and uses Clock (SCK), Data-in (SI) and Data-out (SO) pins to synchronously control data transfer between the SPI microcontroller and the Serial EEPROM.

Features
• Saifun NROM™ Cell
• Serial Peripheral Interface (SPI) Compatible, Supports SPI Modes 0 (0,0) and 3 (1,1)
• Byte and Page Write Operation:
    – 1024 pages (256 Bytes/Page)
    – Single Byte or Page Write Cycle in 10ms Typical
• Single Supply Voltage: 2.7V to 3.6V
• 25MHz Clock Rate
• Block Write Protection: Protect Quarter, Half or Entire Array
• Write Protect Pin and Write Disable Instructions of Both Hardware and Software Data Protection
• 100,000 Erase Cycles (Minimum)
• More than 20-Year Data Retention
• Low-power Standby Current (less than 1µA)
• 8-SOIC Narrow Package
• MLF Leadless Package
• Temperature Range:
    – Industrial: -40°C to +85°C
    – Commercial: 0°C to +70°C




Similar Part No. - SA25C020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA25C1024 ETC-SA25C1024 Datasheet
1Mb / 19P
1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEMN ETC-SA25C1024HEMN Datasheet
1Mb / 19P
1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEMNX ETC-SA25C1024HEMNX Datasheet
1Mb / 19P
1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEN ETC-SA25C1024HEN Datasheet
1Mb / 19P
1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HENX ETC-SA25C1024HENX Datasheet
1Mb / 19P
1Mb EEPROM SPI with 10MHz and Low Standby
More results


Similar Description - SA25C020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA25F020 ETC1-SA25F020 Datasheet
560Kb / 37P
2Mb Serial Flash with 25MHz SPI Bus Interface
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
EEPROM (SPI Bus)
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
SPI BUS EEPROM
BR25G320-3 ROHM-BR25G320-3 Datasheet
2Mb / 36P
SPI BUS EEPROM
BR25S320-W ROHM-BR25S320-W_12 Datasheet
678Kb / 35P
SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G512XXX-5A ROHM-BR25G512XXX-5A Datasheet
1Mb / 41P
SPI BUS EEPROM
10.Jun.2022 Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com