Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC21A1 Datasheet (PDF) - List of Unclassifed Manufacturers

SPC21A1 Datasheet PDF - List of Unclassifed Manufacturers
Part # SPC21A1
Download  SPC21A1 Download
File Size   125.54 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 20KB SOUND CONTROLLER

SPC21A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC21A1 Datasheet PDF - List of Unclassifed Manufacturers

Part # SPC21A1
Download  SPC21A1 Click to download

File Size   125.54 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 20KB SOUND CONTROLLER

SPC21A1 Datasheet (HTML) - List of Unclassifed Manufacturers


SPC21A1 Product details

[Sunplus Technology Co., Ltd.]

GENERAL DESCRIPTION
The SPC21A1 is a CPU based two-channel speech/melody synthesizer including CMOS 8-bit microprocessor with 69 instructions, 20K-byte ROM for speech and melody data (Speech is compressed by a 4-bit ADPCM with approx. 6 sec speech duration @ 7KHz sampling rate) and 64-byte working SRAM. It includes two Timer/Counters, 10 Software Selectable I/Os, and one 8-bit current D/A output. For audio processing, melody and speech can be mixed into one output. It operates over a wide voltage range of 2.4V - 5.5V and includes Low Voltage Reset function. The Low Voltage Reset automatically resets when the working voltage is less than 2.2V. In addition, SPC21A1 has a Clock Stop mode for power savings.

FEATURES
■ 8-bit microprocessor
■ Provides 20K-byte ROM for program and audio data
■ 64-byte working SRAM
■ Software-based audio processing
■ Wide operating voltage: 2.4V – 3.4V @ 4.0MHz
                                          3.6V – 5.5V @ 6.0MHz
■ Supports Rosc only
■ Max. CPU clock: 4.0MHz @ 3V, 6.0MHz @ 5V
■ Standby mode (Clock Stop mode) for power Savings. Max. 2A @ 5V
■ 500ns instruction cycle time @ 4.0MHz CPU clock
■ Provides 10 general I/Os
■ Two 12-bit timer/counters
■ 6 INT sources
■ Key wake -up function
■ Approx. 6 sec speech
   @ 7KHz sampling rate with ADPCM
■ One D/A output
■ Low Voltage Reset

APPLICATION FIELD
■ Intelligent education toys
   Ex. Pattern to voice (animal, car, color, etc.)
      Spelling (English or Chinese)
      Math
■ High end toy controller
■ Talking instrument controller
■ General speech synthesizer
■ Industrial controller




Similar Part No. - SPC21A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPC21364 ETC2-SPC21364 Datasheet
137Kb / 2P
Connector DC Power Jack, 5A
More results


Similar Description - SPC21A1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62421SP MITSUBISHI-M62421SP Datasheet
111Kb / 16P
SOUND CONTROLLER
M62428FP MITSUBISHI-M62428FP Datasheet
169Kb / 18P
DIGITAL SOUND CONTROLLER
M62443SP MITSUBISHI-M62443SP Datasheet
127Kb / 16P
SOUND CONTROLLER
M62493FP MITSUBISHI-M62493FP Datasheet
578Kb / 18P
DIGITAL SOUND CONTROLLER
logo
List of Unclassifed Man...
SPC11A ETC-SPC11A Datasheet
563Kb / 14P
12KB Sound Controller
logo
Renesas Technology Corp
M62443SP RENESAS-M62443SP Datasheet
4Mb / 17P
SOUND CONTROLLER
logo
Rohm
BD3881FV ROHM-BD3881FV_1 Datasheet
340Kb / 6P
Audio sound controller
logo
Generalplus Technology ...
GPC21A3 GENERALPLUS-GPC21A3 Datasheet
290Kb / 14P
20KB SOUND CONTROLLER
GPC41A3 GENERALPLUS-GPC41A3 Datasheet
268Kb / 14P
40KB Sound Controller
GPC11001A GENERALPLUS-GPC11001A Datasheet
279Kb / 16P
Sound Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com