Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF512 Datasheet (PDF) - Silicon Storage Technology, Inc

SST25VF512 Datasheet PDF - Silicon Storage Technology, Inc
Part # SST25VF512
Download  SST25VF512 Download
File Size   263.61 Kbytes
Page   23 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 512 Kbit SPI Serial Flash

SST25VF512 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST25VF512 Datasheet PDF - Silicon Storage Technology, Inc

Part # SST25VF512
Download  SST25VF512 Click to download

File Size   263.61 Kbytes
Page   23 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 512 Kbit SPI Serial Flash

SST25VF512 Datasheet (HTML) - Silicon Storage Technology, Inc


SST25VF512 Product details

PRODUCT DESCRIPTION
SST’s serial flash family features a four-wire, SPI-compatible interface that allows for a low pin-count package occupying less board space and ultimately lowering total system costs. SST25VF512 SPI serial flash memory is manufactured with SST’s proprietary, high-performance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches.
The SST25VF512 device significantly improves performance, while lowering power consumption. The total energy consumed is a function of the applied voltage, current, and time of application. Since for any given voltage range, the SuperFlash technology uses less current to program and has a shorter erase time, the total energy consumed during any Erase or Program operation is less than alternative flash memory technologies. The SST25VF512 device operates with a single 2.7-3.6V power supply.
The SST25VF512 device is offered in both 8-lead SOIC and 8-contact WSON packages. See Figure 1 for the pin assignments.

FEATURES:
• Single 2.7-3.6V Read and Write Operations
• Serial Interface Architecture
   – SPI Compatible: Mode 0 and Mode 3
• 20 MHz Max Clock Frequency
• Superior Reliability
   – Endurance: 100,000 Cycles (typical)
   – Greater than 100 years Data Retention
• Low Power Consumption:
   – Active Read Current: 7 mA (typical)
   – Standby Current: 8 µA (typical)
• Flexible Erase Capability
   – Uniform 4 KByte sectors
   – Uniform 32 KByte overlay blocks
   • Fast Erase and Byte-Program:
   – Chip-Erase Time: 70 ms (typical)
   – Sector- or Block-Erase Time: 18 ms (typical)
   – Byte-Program Time: 14 µs (typical)
• Auto Address Increment (AAI) Programming
   – Decrease total chip programming time over Byte-Program operations
• End-of-Write Detection
   – Software Status
• Hold Pin (HOLD#)
   – Suspends a serial sequence to the memory without deselecting the device
• Write Protection (WP#)
   – Enables/Disables the Lock-Down function of the status register
• Software Write Protection
   – Write protection through Block-Protection bits in status register
• Packages Available
   – 8-lead SOIC (4.9mm x 6mm)
   – 8-contact WSON
• All non-Pb (lead-free) devices are RoHS compliant




Similar Part No. - SST25VF512

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF512 SST-SST25VF512 Datasheet
272Kb / 23P
512 Kbit SPI Serial Flash
SST25VF512 SST-SST25VF512 Datasheet
281Kb / 23P
512 Kbit SPI Serial Flash
SST25VF512-20-4C-QA SST-SST25VF512-20-4C-QA Datasheet
272Kb / 23P
512 Kbit SPI Serial Flash
SST25VF512-20-4C-QAE SST-SST25VF512-20-4C-QAE Datasheet
272Kb / 23P
512 Kbit SPI Serial Flash
SST25VF512-20-4C-QAE SST-SST25VF512-20-4C-QAE Datasheet
281Kb / 23P
512 Kbit SPI Serial Flash
More results


Similar Description - SST25VF512

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF512A SST-SST25VF512A Datasheet
291Kb / 25P
512 Kbit SPI Serial Flash
SST25VF512 SST-SST25VF512 Datasheet
272Kb / 23P
512 Kbit SPI Serial Flash
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
512 Kbit SPI Bus Serial EEPROM
2007
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
logo
Silicon Storage Technol...
SST25VF512 SST-SST25VF512_10 Datasheet
281Kb / 23P
512 Kbit SPI Serial Flash
logo
Microchip Technology
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
512 Kbit SPI Bus Serial EEPROM
05/02/11
logo
STMicroelectronics
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
512-Kbit serial SPI bus EEPROM
03-Jun-2013
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
512 Kbit SPI Bus Serial EEPROM
10/28/13
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com